Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LM741CM Datasheet(Hoja de datos) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. LM741CM
Descripción  Operational Amplifier
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

   
 1 page
background image
LM741
Operational Amplifier
General Description
The LM741 series are general purpose operational amplifi-
ers which feature improved performance over industry stan-
dards like the LM709. They are direct, plug-in replacements
for the 709C, LM201, MC1439 and 748 in most applications.
The amplifiers offer many features which make their applica-
tion nearly foolproof: overload protection on the input and
output, no latch-up when the common mode range is ex-
ceeded, as well as freedom from oscillations.
The LM741C/LM741E are identical to the LM741/LM741A
except that the LM741C/LM741E have their performance
guaranteed over a 0˚C to +70˚C temperature range, instead
of −55˚C to +125˚C.
Schematic Diagram
DS009341-1
Offset Nulling Circuit
DS009341-7
May 1998
© 1999 National Semiconductor Corporation
DS009341
www.national.com




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CA309430MHz High Output Current Operational Transconductance Amplifier OTA 1 2 3 4 5 MoreIntersil Corporation
HA-254140MHz Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HA-51352.5MHz Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1145High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 Intersil Corporation
ICL7650S2MHz Super Chopper-Stabilized Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
KIA358PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL OPERATIONAL AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
NJM2721Single Ultra-High speed and Wide Band Operational Amplifier 1 2 3 4 5 MoreNew Japan Radio
LT1224Very High Speed Operational Amplifier 1 2 3 4 5 MoreLinear Technology
LT1886Dual 700MHz 200mA Operational Amplifier 1 2 3 4 5 MoreLinear Technology
RH108AOperational Amplifier 1 2 3 4 Linear Technology