Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54-844-002 Datasheet(PDF) 2 Page - API Technologies Corp

No. de pieza 54-844-002
Descripción Electrónicos  Current ratings up to 100 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APITECH [API Technologies Corp]
Página de inicio  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-844-002 Datasheet(HTML) 2 Page - API Technologies Corp

  54-844-002 Datasheet HTML 1Page - API Technologies Corp 54-844-002 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
High Current/High Voltage
Resin Sealed Filters
.375
(9.53)
1.250 ± .031
(31.8 ± .79)
.312
(7.93)
1.000 ± .031
(25.4 ± .79)
.250 Flats
.578 Max.
(14.68 Max.)
.327 Max.
(8.30 Max.)
Mounting Surface
ø .051 ± .005
(ø 1.30 ± .13)
5/16–24 Unf–2A
Figure 4
.500
(12.7)
.937 ± .031
(23.8 ± 79)
.325
(8.26)
.075
(1.91)
.689 ± .031
(17.5 ± .79)
ø .057 ± .005
(ø 1.45 ± .13)
Mounting Surface
3/8–32unef–2A Thd.
Figure 5
.990 ± .031
(25.15 ± .79)
.020
(.51)
.375
(9.53)
.125
(3.18)
.740 ± .031
(18.61 ± .79)
3/8–32 Unef–2A Thd.
.500
(12.70)
Figure 6
30
30
30
30
7
40
40
40
40
12
20
10
6
5
50
50
50
50
20
25
10
22
20
15
50
50
50
50
30
35
20
32
30
50
50
50
50
50
33
40
28
35
35
50
Minimum Insertion Loss (dB)
60
60
200
200
600
600
750
750
1250
2500
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Also available through API’s authorized European distributors/agents.
*
Denotes parts that are UL recognized to UL 60950 and certified to CSA C22.2
**
Denotes parts that meet 1500 VAC Dielectric Withstanding Voltage per UL 1283 and CSA C22.2
***
AC Voltage to be 400Hz
54-848-005*
54-853-001*
54-853-004 €
54-848-008
54-844-001**
54-844-002**
54-763-008
54-763-009
54-789-003
¦
1280-060 €
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
1
2
2
1
3
3
4
4
5
6
50
50
100
100
25
25
25
25
25
25
0.22 µF
0.22 µF
0.22 µF
0.22 µF
4700 pF ± 20%
0.01 µF ± 20%
1000 pF
4000 pF
4000 pF
1500 pF
50
50
50
50
50
57
28
35
35
50
50
50
50
50
50
57
28
40
35
50
140
140
240
240
AC***
20
20
20
20
3
1
MHz
CKT
C
C
C
C
C
C
C
C
C
Pi
High Current High Voltage Feed-through
Dimensions in inches
(mm)
LP25


Número de pieza similar - 54-844-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
54-862-001 APITECH-54-862-001 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-001 APITECH-54-862-001 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-002 APITECH-54-862-002 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-002 APITECH-54-862-002 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-003 APITECH-54-862-003 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

Descripción similar - 54-844-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
   Output ratings up to 30 Amps at 200 VDC
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
   Saturation current rating up to 15.3 Amps
logo
Microsemi Corporation
679 MICROSEMI-679_10 Datasheet
807Kb / 3P
   Current ratings to 25A
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Nell Semiconductor Co.,...
D2140D NELLSEMI-D2140D Datasheet
225Kb / 5P
   High voltage ratings up to 3600V
D3270D NELLSEMI-D3270D Datasheet
226Kb / 5P
   High voltage ratings up to 2200V
D3800E NELLSEMI-D3800E Datasheet
227Kb / 5P
   High voltage ratings up to 5500V
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com