Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD-E3 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

No. de pieza LCD-E3
Descripción Electrónicos  Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Página de inicio  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-E3 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  LCD-E3 Datasheet HTML 1Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 2Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 3Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 4Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 5Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2014 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0613 Rev. M page 1 of 5
E3 Series®
Broadband System
Intelligent, Networked, Multi-Channel Fire Alarm Control
and Emergency Voice Evacuation System
APPROVED
Class 1
Class 2
High Rise
City of
Chicago
Approved
City of
Denver
Approved
7165-1703:125
FDNY #: 6175
COA # 231-06-E
MEA
Approved
3025415
FM
SIGNALING
S1869
Description
The Gamewell-FCI, E3 Series® Broadband System
includes the NetSOLO® Broadband System. Like the Net-
SOLO Broadband System, the E3 Series Broadband is of
modular design and allows a wide range of configurations
from two basic sub-assemblies. These sub-assemblies
form an integrated, distributed fire alarm system that
includes audio evacuation and fire command capability.
The network communication transmits all fire alarm, audio
evacuation, voice paging, and fire fighter communications.
This System can be used as a component of the following
E3 Series Systems:
• E3 Series Broadband Voice Evacuation System
• E3 Series Combined Fire and Mass Notification System
The E3 Series Broadband is a revolutionary advance in
fire detection and emergency voice evacuation system
design. E3 Series Broadband employs proven technology
and expands it to accomplish emergency multi-channel
voice evacuation, two-way fire fighter communications,
and building control applications, all over a single pair of
wires or fiber-optic cable.
It is a true peer-to-peer, token ring passing, networked sys-
tem capable of supporting up to 64 individual nodes. In
addition, the Addressable Node Expander (ANX) board
expands the network to 122 nodes. All system status, con-
trol-by-event sequences, audio voice paging, and fire
fighter telephone signals are sent between nodes over a
single pair of wires or fiber-optic cable.
Each E3 Series Broadband node can be spaced along the
network a maximum distance of 3,000 feet (914.4 m) over
an unshielded, twisted-pair of wires or fiber-optic cable
with up to 8dB loss. Built-in isolation at each node permits
Style 4, 6, and 7 network configurations.
The E3 Series Broadband is simple to configure for any
project requirement. A complete E3 Series Broadband
application can be assembled from the following types of
nodes; the ILI-E3/ILI95-E3 Series, ANX, the INCC Com-
mand Center, and the INX Transponder.
The E3 Series Broadband System is capable of the most
sophisticated sequences of operations.
E3 Series® and NetSOLO® are registered trademarks of Honeywell International Inc.
UL® is a registered trademark of Underwriters Laboratories Inc
Features
• IBC Seismic Certified.
• Listed under UL® Standard 864, 9th Edition.
• Listed under UL Standard UL2572 for Mass Notification.
• UL Listed for smoke control (dedicated and
non-dedicated) when properly configured.
• FM/UL Listed for Pre-action/Deluge use.
• All communication signals and control-by-event
sequences over a single pair of twisted, unshielded
wires or fiber-optic cable.
• Distributed architecture, including Style 7 wiring
configurations, allow system components to continue
normal operation with no loss of function during single
line fault conditions.
• Integrates INX transponders and INCC command cen-
ters to create a complete audio evacuation system with
up to 122 nodes.
• Redundant command centers with microphone and fire
fighter’s handset are easily configured by adding INCCs.
• Uses state-of-the-art digital signal processor (DSP)
technology for efficient audio compression and filtering.
• Provides up to 150 watts of audio power from 3 AM-50
Series amplifiers with an additional 50 watts of standby
power in each Intelligent Network Transponder (INX).
E3 Series Broadband


Número de pieza similar - LCD-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3 Datasheet
39Kb / 1P
   LCD keypad display
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
   LCD Keypad Display
More results

Descripción similar - LCD-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
logo
Radiometrix Ltd
M1144 RADIOMETRIX-M1144 Datasheet
208Kb / 8P
   Mesh Networked Alarm Control System
logo
Gamewell-FCI by Honeywe...
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
AAD-9400X GAMEWELL-FCI-AAD-9400X Datasheet
388Kb / 2P
   Intelligent Fire Alarm Aspiration Sensing Technology
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com