Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P-30-AA Datasheet(PDF) 4 Page - Amphenol Corporation

No. de pieza P-30-AA
Descripción Electrónicos  Thermometrics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-30-AA Datasheet(HTML) 4 Page - Amphenol Corporation

  P-30-AA Datasheet HTML 1Page - Amphenol Corporation P-30-AA Datasheet HTML 2Page - Amphenol Corporation P-30-AA Datasheet HTML 3Page - Amphenol Corporation P-30-AA Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
The code number to be ordered may be specif ied as follows:
P
Miniature bead-in-glass thermoprobe structure
Code
Maximum Probe Diameter
20
20 mil
25
25 mil
30
30 mil
Code
Probe Length
AA
0.063 in (1 mm) ±0.015 in (±0.381 mm)
A
0.125 in (3 mm) ±0.032 in (±0.81 mm)
B
0.25 in (6 mm) ±0.05 in (±1 mm)
Code
Material System Code
X
See thermal and electrical properties table
Code
Zero-Power
103
Resistance at 77°F (25°C)**
Code
Toleranc Code Letter
F
±1%
G
±2%
J
±5%
K
±10%
L
±15%
M
±20%
N
±25%
P
±30%
Q
±40%
R
±50%
S
Non standard consult
Thermometrics
P -
____
-
____ - ____
-
____
-
____ Typical model number
*Special tolerances are available on request. Consult Thermometrics for special resistance toler-
ances, non-standard resistances and/or non-standard temperatures.
**The zero-power resistance 77°F (25°C), expressed in Ω, is identified by a three digit code number.
The first two digits represent significant figures, and the last digit specifies the number of zeros to
follow. Example: 10 kΩ = 103.
The standard resistance values are from the 24-value series decade as specified in Military
Standards MS90178.
1.0/1.1/1.3/1.5/1.6/1.8/2.0/2.2/2.4/2.7/3.0
3.3/3.6/3.9/4.3/4.7/5.1/5.6/6.2/6.8/7.5/8.2/9.1
The code number to be ordered may be specif ied as follows:
P
Miniature bead-in-glass thermoprobe structure
Code
Maximum Probe Diameter
60
60 mil
65
65 mil
85
80 mil
100
100 mil
Code
Probe Length (see probe length codes table for restrictions)
B
0.25 in (6 mm) ±0.05 in (±1 mm)
D
0.5 in (12 mm) ±0.063 in (±1 mm)
Code
Material System Code
X
See thermal and electrical properties table
Code
Zero-Power
104
Resistance at 77°F (25°C)**
Code
Toleranc Code Letter
F
±1%
G
±2%
J
±5%
K
±10%
L
±15%
M
±20%
N
±25%
P
±30%
Q
±40%
R
±50%
S
Non standard consult
Thermometrics
P -
____
- ____ - ____
-
____ -
____ Typical model number
*Special tolerances are available on request. Consult Thermometrics for special resistance toler-
ances, non-standard resistances and/or non-standard temperatures.
**The zero-power resistance 77°F (25°C), expressed in Ω, is identified by a three digit code number.
The first two digits represent significant figures, and the last digit specifies the number of zeros to
follow. Example: 100 kΩ = 104.
The standard resistance values are from the 24-value series decade as specified in Military
Standards MS90178.
1.0/1.1/1.3/1.5/1.6/1.8/2.0/2.2/2.4/2.7/3.0
3.3/3.6/3.9/4.3/4.7/5.1/5.6/6.2/6.8/7.5/8.2/9.1
Type P20/25/30
Type P60/65/85/100
AAS-920-327A-04/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors


Número de pieza similar - P-30-AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
P-3000S-101A-02 COPAL-P-3000S-101A-02 Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
P-3000S-101A-04 COPAL-P-3000S-101A-04 Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
P-3000S-101A-10 COPAL-P-3000S-101A-10 Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
P-3000S-101D-02 COPAL-P-3000S-101D-02 Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
More results

Descripción similar - P-30-AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
   Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
   Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
   Thermometrics Fastip
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
logo
Amphenol Corporation
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
ZTP-188MA AMPHENOL-ZTP-188MA Datasheet
212Kb / 4P
   Thermometrics IR Module
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com