Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X1228V14-2.7A Datasheet(PDF) 3 Page - Xicor Inc.

No. de pieza X1228V14-2.7A
Descripción Electrónicos  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228V14-2.7A Datasheet(HTML) 3 Page - Xicor Inc.

  X1228V14-2.7A Datasheet HTML 1Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 2Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 3Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 4Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 5Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 6Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 7Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 8Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
X1228
REV 1.3 3/24/04
Characteristics subject to change without notice.
3 of 31
www.xicor.com
PIN ASSIGNMENTS
Pin Number
SOIC/TSSOP
Symbol
Brief Description
1X1
X1. The X1 pin is the input of an inverting amplifier. An external 32.768kHz quartz crystal
is used with the X1228 to supply a timebase for the real time clock. The recommended
crystal is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is included to form
a complete oscillator circuit. Care should be taken in the placement of the crystal and the
layout of the circuit. Plenty of ground plane around the device and short traces to X1 are
highly recommended. See Application section for more recommendations.
2X2
X2. The X2 pin is the output of an inverting amplifier. An external 32.768kHz quartz
crystal is used with the X1228 to supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is
included to form a complete oscillator circuit. Care should be taken in the placement of the
crystal and the layout of the circuit. Plenty of ground plane around the device and short traces
to X2 are highly recommended. See Application section for more recommendations.
6
RESET
RESET Output – RESET. This is a reset signal output. This signal notifies a host
processor that the watchdog time period has expired or that the voltage has dropped
below a fixed VTRIP threshold. It is an open drain active LOW output. Recommended
value for the pullup resistor is 5K Ohms. If unused, tie to ground.
7VSS
VSS.
8
SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain or open
collector outputs. The input buffer is always active (not gated).
An open drain output requires the use of a pull-up resistor. The output circuitry controls
the fall time of the output signal with the use of a slope controlled pull-down. The circuit
is designed for 400kHz 2-wire interface speeds.
9
SCL
Serial Clock (SCL). The SCL input is used to clock all data into and out of the device.
The input buffer on this pin is always active (not gated).
12
PHZ/IRQ
Programmable Frequency/Interrupt Output – PHZ/IRQ. This is either an output from
the internal oscillator or an interrupt signal output. It is a CMOS output.
When used as frequency output, this signal has a frequency of 32.768kHz, 4096Hz, 1Hz
or inactive.
When used as interrupt output, this signal notifies a host processor that an alarm has
occurred and an action is required. It is an active LOW output.
The control bits for this function are FO1 and FO0 and are found in address 0011h of the
Clock Control Memory map. See “Programmable Frequency Output Bits—FO1, FO0” on
page 14.
13
VBACK
VBACK. This input provides a backup supply voltage to the device. VBACK supplies
power to the device in the event the VCC supply fails. This pin can be connected to a
battery, a Supercap or tied to ground if not used.
14
VCC
VCC.


Número de pieza similar - X1228V14-2.7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14-2.7A RENESAS-X1228V14-2.7A Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Descripción similar - X1228V14-2.7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com