Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7742 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DAC7742
Descripción Electrónicos  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7742 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC7742 Datasheet HTML 1Page - Burr-Brown (TI) DAC7742 Datasheet HTML 2Page - Burr-Brown (TI) DAC7742 Datasheet HTML 3Page - Burr-Brown (TI) DAC7742 Datasheet HTML 4Page - Burr-Brown (TI) DAC7742 Datasheet HTML 5Page - Burr-Brown (TI) DAC7742 Datasheet HTML 6Page - Burr-Brown (TI) DAC7742 Datasheet HTML 7Page - Burr-Brown (TI) DAC7742 Datasheet HTML 8Page - Burr-Brown (TI) DAC7742 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DAC7742
2
SBAS256
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ........................................................................... –0.3V to +32V
VCC to AGND ...................................................................... –0.3V to +16V
VSS to AGND ...................................................................... –16V to +0.3V
AGND to DGND ................................................................. –0.3V to +0.3V
REFIN to AGND ..................................................................... –9V to +11V
VDD to DGND ................................................................. 0V to VCC – 1.4V
Digital Input Voltage to DGND ................................. –0.3V to VDD + 0.3V
Digital Output Voltage to DGND .............................. –0.3V to VDD + 0.3V
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PACKAGE/ORDERING INFORMATION
LINEARITY
DIFFERENTIAL
SPECIFIED
ERROR
NONLINEARITY
PACKAGE
TEMPERATURE
ORDERING
PACKAGE
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
NUMBER
MARKING
MEDIA, QUANTITY
DAC7742
±6
±4
LQFP-48
PT
–40
°C to +85°C
DAC7742Y/250
DAC7742Y
Tape and Reel, 250
"
"
""""
DAC7742Y/2K
"
Tape and Reel, 2000
DAC7742
±4
±2
LQFP-48
PT
–40
°C to +85°C
DAC7742YB/250
DAC7742YB
Tape and Reel, 250
"
"
""""
DAC7742YB/2K
"
Tape and Reel, 2000
DAC7742
±3
±1
LQFP-48
PT
–40
°C to +85°C
DAC7742YC/250
DAC7742YC
Tape and Reel, 250
"
"
""""
DAC7742YC/2K
"
Tape and Reel, 2000
NOTE: (1) For the most current specifications and package information refer to our web site at www.ti.com.
DAC7742Y
DAC7742YB
DAC7742YC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error (INL)
±6
±4
±3LSB
TA = 25°C
±5
±3
±2LSB
Differential Linearity Error (DNL)
±4
±2
±1LSB
Monotonicity
14
15
16
Bits
Offset Error
±0.1
✻✻
% of FSR
Offset Error Drift
±2
✻✻
ppm/
°C
Gain Error
With Internal REF
±0.4
±0.25
±0.2
% of FSR
With External REF
±0.25
±0.1
% of FSR
Gain Error Drift
With Internal REF
±15
±10
±7
ppm/
°C
PSRR (VCC or VSS)
At Full-Scale
50
200
✻✻
ppm/V
ANALOG OUTPUT(1)
Voltage Output(2)
+11.4/–4.75
0 to 10
✻✻
V
+11.4/–11.4
±10
✻✻
V
+11.4/–6.4
±5
✻✻
V
Output Current
±5
✻✻
mA
Output Impedance
0.1
✻✻
Maximum Load Capacitance
200
✻✻
pF
Short-Circuit Current
±15
✻✻
mA
Short-Circuit Duration
AGND
Indefinite
✻✻
REFERENCE
Reference Output
9.96
10
10.04
9.975
10.025
✻✻
V
REFOUT Impedance
400
✻✻
REFOUT Voltage Drift
±15
±10
±7
ppm/
°C
REFOUT Voltage Adjustment(3)
±25
✻✻
mV
REFIN Input Range(4)
4.75
VCC – 1.4
✻✻
V
REFIN Input Current
10
✻✻
nA
REFADJ Input Range
Absolute Max Value that
010
✻✻
V
can be applied is VCC
REFADJ Input Impedance
50
✻✻
k
VREF Output Current
–2+2
✻✻
mA
VREF Impedance
1
✻✻
ELECTRICAL CHARACTERISTICS
All specifications at TA = TMIN to TMAX, VCC = +15V, VSS = –15V, VDD = +5V, Internal reference enabled, unless otherwise noted.


Número de pieza similar - DAC7742

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7742Y/250 TI1-DAC7742Y/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YB/250 TI1-DAC7742YB/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250 TI1-DAC7742YC/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250G4 TI1-DAC7742YC/250G4 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Descripción similar - DAC7742

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com