Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1084CM3.3 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza GS1084CM3.3
Descripción Electrónicos  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1084CM3.3 Datasheet(HTML) 2 Page - Vishay Siliconix

  GS1084CM3.3 Datasheet HTML 1Page - Vishay Siliconix GS1084CM3.3 Datasheet HTML 2Page - Vishay Siliconix GS1084CM3.3 Datasheet HTML 3Page - Vishay Siliconix GS1084CM3.3 Datasheet HTML 4Page - Vishay Siliconix GS1084CM3.3 Datasheet HTML 5Page - Vishay Siliconix GS1084CM3.3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GS1084
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74800
2
26-Mar-02
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Vin Pin to ADJ/GND Pin
Vin
7
V
Thermal Resistance –
TO-220AB
3.0
Junction to Case
TO-252
R
θJC
8.0
°C/W
TO-263AB
3.0
Operating Junction Temperature Range
TJ
0 to +125
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Electrical Characteristics(1) TJ = 25°C(2), VIN = 5V, Io = 10mA unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ = 25°C
1.238
1.250
1.262
Reference Voltage
VREF
0°C
≤ TJ ≤ 125°C
1.225
1.250
1.275
V
2.65V
≤ VIN ≤ 7V
10mA
≤ Io ≤ 5A
GS1084-1.8
VIN = 5V
1.78
1.8
1.82
GS1084-2.5
VIN = 5V
2.47
2.5
2.53
Output Voltage
VOUT
GS1084-3.3
VIN = 7V
3.26
3.3
3.33
V
GS1084
0.98VN
VN
1.02VN
0°C
≤ TJ ≤ 125°C
2.65V
≤ VIN ≤ 7V
10mA
≤ Io ≤ 5A
2.65V
≤ VIN ≤ 7V
Line Regulation
REGline
TJ = 25°C
0.015
0.2
% VO
0°C
≤ TJ ≤ 125°C
0.035
0.2
10mA
≤ Io ≤ 5A
Load Regulation
REGload
TJ = 25°C
0.1
0.3
% VO
0°C
≤ TJ ≤ 125°C
0.2
0.4
0°C
≤ TJ ≤ 125°C
Dropout Voltage
VDROP
Io = 5A
1.3
1.4
V
Io = 3A
1.23
1.32
Io = 1A
1.15
1.25
Output Current
Io
0°C
≤ TJ ≤ 125°C
5.0
6.0
A
2.65
≤ Vin ≤ 7V
Adjust Pin Current
Iadj
10mA
≤ Io ≤ 5A
55
120
µA
0°C
≤ TJ ≤ 125°C
2.65
≤ Vin ≤ 7V
Adjust Pin Current Change
∆Iadj
10mA
≤ Io ≤ 5A
0.2
5
µA
0°C
≤ TJ ≤ 125°C
Temperature Stability
TS
Io = 0.5A, 0°C
≤ TJ ≤ 125°C
0.8
%VO
Min. Load Current Adjustable Version
ILMIN
0°C
≤ TJ ≤ 125°C
3
10
mA


Número de pieza similar - GS1084CM3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE1.8 VISHAY-GS1085CE1.8 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE2.5 VISHAY-GS1085CE2.5 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE3.3 VISHAY-GS1085CE3.3 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CM1.8 VISHAY-GS1085CM1.8 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
More results

Descripción similar - GS1084CM3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com