Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP2L48S05S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

No. de pieza TP2L48S05S
Descripción Electrónicos  2W Isolated Wide Input Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L48S05S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2L48S05S Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L48S05S Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L48S05S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2L Series
www.gztoppower.com
TEL:00-86-20-82019000
EMAIL:sales2@gztoppower.com
page 2 / 3
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
APPLICATION NOTES
External capacitance
These converters will work without external capacitors, in order to
guarantee the full parametric performance over the full line and load
range we recommended you to use the value we listed at right side. All
parts have been tested and characterized using the following values
and test circuit.
External Capacitor Table
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
3.3
1000
±5
330
5
680
±9
330
9
560
±12
220
12
470
±15
150
15
330
±24
100
24
220
-
-
RECOMMENDED CIRCUIT
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-50
125
Temp.Rise at full loat
185
35
Lead temperature
1.5mm from case for 10 seconds
300
No-load power consumption
120
mW
Cooling
Free Air Convection
Short circuit protection
Continuous.automatic recovery
Case material
PIastic (UL94-V0)
MTBF
1000
K hours
Weight
5
g
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1minute and 1mA max
1500
3000
VDC
Isolation resistance
Test at 500 VDC
1
Isolation capacitance
Input/Output,100KHZ/1V
35
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output power
Refer to product program
0.1
1
W
Output voltage accuracy
Refer to recommended circuit
±1
±3
%
Load regulation
10% to100% load (TP2L-D)
±0.5
±0.75
%
Load regulation
10% to100% load (TP2L-S)
±0.5
±1.0
%
Line regulation
Input Voltage from low to high
±0.2
±0.5
%
Temperature drift ( Vout )
Refer to recommended circuit
±0.03
%/℃
Ripple & Noise
20MHZ Bandwidth
25
75
mVp-p
Switching frequency
100% load ,input voltage range
300
KHZ
Single Output
Dual Output


Número de pieza similar - TP2L48S05S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP2L48S05S-1W TOPPOWER-TP2L48S05S-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L48S05S-1W TOPPOWER-TP2L48S05S-1W Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L48S05S-2W TOPPOWER-TP2L48S05S-2W Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L48S05S-2W TOPPOWER-TP2L48S05S-2W Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L48S05S-3W TOPPOWER-TP2L48S05S-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
More results

Descripción similar - TP2L48S05S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
   2W Isolated Wide Input Single Output DC/DC Converters
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
   2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W_1 Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W_17 Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com