Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74479876210 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 74479876210
Descripción Electrónicos  WE-PMI Power Multilayer Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479876210 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479876210 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479876210 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479876210 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479876210 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479876210 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479876210 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-PMIof Würth
Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
SSt
SSt
DIN ISO 2768-1m
DESCRIPTION
WE-PMI Power Multilayer
Inductor
ORDER CODE
74479876210
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0806
001.002
Draft
2016-03-09
eiSos
5/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 74479876210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74479876210C WURTH-74479876210C Datasheet
290Kb / 6P
   WE-PMI Power Multilayer Inductor
More results

Descripción similar - 74479876210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74479876215C WURTH-74479876215C Datasheet
289Kb / 6P
   WE-PMI Power Multilayer Inductor
74479887222A WURTH-74479887222A Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479777310 WURTH-74479777310 Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479899111 WURTH-74479899111 Datasheet
829Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899130 WURTH-74479899130 Datasheet
811Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899150 WURTH-74479899150 Datasheet
810Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899210 WURTH-74479899210 Datasheet
804Kb / 6P
   WE-PMI Power Multilayer Inductor
74479778310 WURTH-74479778310 Datasheet
484Kb / 7P
   WE-PMI Power Multilayer Inductor
001.002
74479775222A WURTH-74479775222A Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.004
74479889222 WURTH-74479889222 Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
74479889268 WURTH-74479889268 Datasheet
542Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com