Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP25DG12D05 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

No. de pieza TP25DG12D05
Descripción Electrónicos  25W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP25DG12D05 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP25DG12D05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP25DG12D05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP25DG12D05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP25DG12D05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP25DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
第 1 页 共 4 页
DESCRIPTION
The rated output power of TP25DG converters is 25W, the outline dimensions is 50.8x50.8x11.2,
2:1 and 4:1 wide input voltage range, the voltage range is 9V-18V,18V-36V,36V-72V,9V-36V and
18V-72VDC.The accuracy of the converter can reach ±1%, it can be widely used in
telecommunications, railway transportation, instrument and etc.
25W Wide Input Voltage DC/DC Converters
All specifications typicalat TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
25W output power
2:1&4:1 input voltage range
Over output voltage protection
50.8mm*50.8mm*11.2mm standard package
Fixed switching frequency
Over current protection
Metal shielding package
Input under voltage protection
Super capability with capacitive load
RoHs compliance
Operating temperature :-25 to 55
/
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ.)
%
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP25DG12S03
12(2:1)
9-18
3.3
5
86
TP25DG12S05
12(2:1)
9-18
5
5
83
TP25DG12S12
12(2:1)
9-18
12
2.1
86
TP25DG12S15
12(2:1)
9-18
15
1.67
86
TP25DG12S24
12(2:1)
9-18
24
1.04
85
TP25DG12D05
12(2:1)
9-18
±5
±2.5
83
TP25DG12D12
12(2:1)
9-18
±12
±1.04
86
TP25DG12D15
12(2:1)
9-18
±15
±0.83
86
TP25DG24S03
24(2:1)
18-36
3.3
5
85
TP25DG24S05
24(2:1)
18-36
5
5
84
TP25DG24S12
24(2:1)
18-36
12
2.1
87
TP25DG24S15
24(2:1)
18-36
15
1.67
87
TP25DG24S24
24(2:1)
18-36
24
1.04
86
TP25DG24D05
24(2:1)
18-36
±5
±2.5
83
TP25DG24D12
24(2:1)
18-36
±12
±1.04
86
TP25DG24D15
24(2:1)
18-36
±15
±0.83
86
TP25DG48S03
48(2:1)
36-72
3.3
5
85
TP25DG48S05
48(2:1)
36-72
5
5
84
TP25DG48S12
48(2:1)
36-72
12
2.1
87
TP25DG48S15
48(2:1)
36-72
15
1.67
87
TP25DG48S24
48(2:1)
36-72
24
1.04
86
TP25DG48D05
48(2:1)
36-72
±5
±2.5
83
TP25DG48D12
48(2:1)
36-72
±12
±1.04
86
TP25DG48D15
48(2:1)
36-72
±15
±0.83
86
TP25DG24S05W
24(4:1)
9-36
5
5
81
TP25DG24S12W
24(4:1)
9-36
12
2.1
85
TP25DG24S15W
24(4:1)
9-36
15
1.67
85
TP25DG24S24W
24(4:1)
9-36
24
1.04
85
TP25DG24D05W
24(4:1)
9-36
±5
±2.5
81
TP25DG24D12W
24(4:1)
9-36
±12
±1.04
84
TP25DG24D15W
24(4:1)
9-36
±15
±0.83
84
TP25DG48S05W
48(4:1)
18-72
5
5
81
TP25DG48S12W
48(4:1)
18-72
12
2.1
85
TP25DG48S15W
48(4:1)
18-72
15
1.67
85
TP25DG48S24W
48(4:1)
18-72
24
1.04
85
TP25DG48D05W
48(4:1)
18-72
±5
±2.5
81
TP25DG48D12W
48(4:1)
18-72
±12
±1.04
84
TP25DG48D15W
48(4:1)
18-72
±15
±0.83
84


Número de pieza similar - TP25DG12D05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP25DD TOPPOWER-TP25DD Datasheet
643Kb / 4P
   TP25DD
More results

Descripción similar - TP25DG12D05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
   40W Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP12DC TOPPOWER-TP12DC Datasheet
152Kb / 4P
   12W Wide Input Voltage DC/DC Converters
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com