Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPH4815D Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

No. de pieza TPH4815D
Descripción Electrónicos  2W Isolated Single & Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH4815D Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPH4815D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH4815D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH4815D Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH4815D Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPH Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page4 /4
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300
℃ for 10 seconds. Both SIP and DIP types in this series are
backward compatible with Sn/Pb soldering systems.
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin SIP) : 520mm ±2mm.
Tube Quantity:25
14Pin DIP封装
7Pin SIP封装
14Pin DIP Tube
7Pin SIPTube
9.30
5.00
12.00
5.05
0.65
14Pin DIP Package
7Pin SIP Package
2.54
1.00
1.15
5
5 HOLES
2.54
1.15
1.00 5
5 HOLES


Número de pieza similar - TPH4815D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPH4815D TOPPOWER-TPH4815D Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4815D TOPPOWER-TPH4815D Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4815D-3W TOPPOWER-TPH4815D-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4815DA TOPPOWER-TPH4815DA Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4815DA-3W TOPPOWER-TPH4815DA-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Descripción similar - TPH4815D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com