Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA1215D Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

No. de pieza TPA1215D
Descripción Electrónicos  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA1215D Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPA1215D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA1215D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA1215D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPA 3.3V, 5V, 12V&15V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPA series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer
the ideal solution in many space critical applications for board level power distribution. The internal
SMD construction makes it possible to offer a product with high performance at low cost. The series
offers smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
FEATURES
RoHS compliant
Efficiency up to 80%
Power density up to 0.85W/cm3
Operating temperature :-40℃ to 105℃
Single and dual output from a single input rail
UL 94V-0 package material
Power sharing on output
3KVDC isolation
Industry standard pinout
Input voltage: 3.3V, 5V, 12V, 15V
Output voltage :3.3V,5V,9V,12V,15V,24V / ±5V,±9V,±12V,±15V,±24V
CE certification
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPA0303DA
3.3
3.3
303/30.3
72
DIP
TPA0305DA
3.3
5
200/20
74
DIP
TPA0505DA
5
5
200/20
68
DIP
TPA0509DA
5
9
111/11.1
76
DIP
TPA0512DA
5
12
83/8.3
79
DIP
TPA0515DA
5
15
67/6.7
78
DIP
TPA0524DA
5
24
42/4.2
81
DIP
TPA1203DA
12
3.3
303/30.3
73
DIP
TPA1205DA
12
5
200/20
68
DIP
TPA1209DA
12
9
111/11.1
74
DIP
TPA1212DA
12
12
83/8.3
77
DIP
TPA1215DA
12
15
67/6.7
75
DIP
TPA1505DA
15
5
200/20
71
DIP
TPA1512DA
15
12
111/11.1
77
DIP
TPA1515DA
15
15
67/6.7
80
DIP
TPA0505D
5
±5
±100/±10
67
DIP
TPA0509D
5
±9
±56/±5.6
76
DIP
TPA0512D
5
±12
±43/±4.3
79
DIP
TPA0515D
5
±15
±33/±3.3
78
DIP
TPA0524D
5
±24
±21/±2.1
81
DIP
TPA0505S
5
±5
±100/±10
67
SIP
TPA0509S
5
±9
±56/±5.6
76
SIP
TPA0512S
5
±12
±43/±4.3
79
SIP
TPA0515S
5
±15
±33/±3.3
78
SIP
TPA0524S
5
±24
±21/±2.1
81
SIP
TPA1205D
12
±5
±100/±10
68
DIP
TPA1209D
12
±9
±56/±5.6
74
DIP
TPA1212D
12
±12
±43/±4.3
77
DIP
TPA1215D
12
±15
±33/±3.3
75
DIP
TPA1224D
12
±24
±21/±2.1
81
DIP
TPA1205S
12
±5
±100/±10
68
SIP
TPA1209S
12
±9
±56/±5.6
74
SIP
TPA1212S
12
±12
±43/±4.3
77
SIP
TPA1215S
12
±15
±33/±3.3
75
SIP
TPA1505D
15
±5
±100/±10
71
DIP
TPA1509D
15
±9
±56/±5.6
74
DIP
TPA1512D
15
±12
±43/±4.3
77
DIP
TPA1515D
15
±15
±33/±3.3
80
DIP
TPA1524D
15
±24
±21/±2.1
81
DIP
TPA1505S
15
±5
±100/±10
71
SIP
TPA1512S
15
±12
±43/±4.3
77
SIP
TPA1515S
15
±15
±33/±3.3
80
SIP
Add suffix “P” for continuous short circuit protection, for example TPA0505SP.
TOPPOWER


Número de pieza similar - TPA1215D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPA1215D TOPPOWER-TPA1215D Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1215D TOPPOWER-TPA1215D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1215D-W25 TOPPOWER-TPA1215D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1215DA TOPPOWER-TPA1215DA Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1215DA TOPPOWER-TPA1215DA Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Descripción similar - TPA1215D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V_19 Datasheet
709Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPATXXX TOPPOWER-TPATXXX Datasheet
262Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com