Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE1618DS Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza NE1618DS
Descripción Electrónicos  Temperature monitor for microprocessor systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1618DS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE1618DS Datasheet HTML 2Page - NXP Semiconductors NE1618DS Datasheet HTML 3Page - NXP Semiconductors NE1618DS Datasheet HTML 4Page - NXP Semiconductors NE1618DS Datasheet HTML 5Page - NXP Semiconductors NE1618DS Datasheet HTML 6Page - NXP Semiconductors NE1618DS Datasheet HTML 7Page - NXP Semiconductors NE1618DS Datasheet HTML 8Page - NXP Semiconductors NE1618DS Datasheet HTML 9Page - NXP Semiconductors NE1618DS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product data
NE1618
Temperature monitor for microprocessor systems
2002 Jan 04
6
SMBus INTERFACE AC SPECIFICATIONS
VDD = 3.0 V to 3.6 V; Tamb = 0 °C to +125 °C unless otherwise noted.
These specifications are guaranteed by design and not tested in production.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Logic input high voltage for STBY, SCLK, SDATA
VDD = 3 V to 5.5 V
2.2
V
VIL
Logic input low voltage for STBY, SCLK, SDATA
VDD = 3 V to 5.5 V
0.8
V
IOL
Logic output low sink current for
ALERT
SDATA
VOL = 0.4 V
VOL = 0.6 V
1.0
6.0
mA
mA
IIH & IIL
Logic input current
VIN = VDD or GND
–1.0
1.0
µA
CIN
SMBus input capacitance for SCLK, SDATA
5
pF
fSCLK
SCLK operating frequency
See Figure 4
0
100
kHz
tLOW
SCLK low time
See Figure 4
4.7
5.0
µs
tHIGH
SCLK high time
See Figure 4
4.0
5.0
µs
tBUF
SMBus free time.
Delay from SDA stop to SDA start
See Figure 4
4.7
µs
tHD:STA
Hold time of start condition.
Delay from SDA start to first SCL H–L
See Figure 4
4.0
µs
tHD:DAT
Hold time of data.
Delay from SCL H–L to SDA edges
See Figure 4
0
ns
tSU:DAT
set-up time of data.
Delay from SDA edges to SCL L–H
See Figure 4
250
ns
tSU:STA
set-up time of repeat start condition.
Delay from SCL L–H to restart SDA
See Figure 4
250
ns
tSU:STO
set-up time of stop condition.
Delay from SCL L–H to SDA stop.
See Figure 4
4.0
µs
tF
Fall time of SCL and SDA
See Figure 4
1.0
µs
tBUF
P
S
SCLK
SDATA
SL01204
tHD:STA
SP
tLOW
tR
tF
tHD:STA
tHD:DAT
tHIGH
tSU:DAT
tSU:STA
tSU:STO
Figure 4. Timing measurements.
NOTE:
The NE1618 does not include the SMBus timeout capability (tLOW:SEXT and tLOW:MEXT).


Número de pieza similar - NE1618DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617A NXP-NE1617A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
More results

Descripción similar - NE1618DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com