Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7476AYKSZ-REEL73 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD7476AYKSZ-REEL73
Descripción Electrónicos  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7476AYKSZ-REEL73 Datasheet(HTML) 2 Page - Analog Devices

  AD7476AYKSZ-REEL73 Datasheet HTML 1Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 2Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 3Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 4Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 5Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 6Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 7Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 8Page - Analog Devices AD7476AYKSZ-REEL73 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. C
–2–
AD7476A/AD7477A/AD7478A
(VDD = 2.35 V to 5.25 V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS, unless otherwise noted;
TA = TMIN to TMAX, unless otherwise noted.)
AD7476A–SPECIFICATIONS1
Parameter
A Grade
2
B Grade
2
Y Grade
2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz Sine Wave
Signal-to-Noise + Distortion (SINAD)
3
70
70
70
dB min
VDD = 2.35 V to 3.6 V, TA = 25 C
69
69
69
dB min
VDD = 2.4 V to 3.6 V
71.5
71.5
71.5
dB typ
VDD = 2.35 V to 3.6 V
69
69
69
dB min
VDD = 4.75 V to 5.25 V, TA = 25 C
68
68
68
dB min
VDD = 4.75 V to 5.25 V
Signal-to-Noise Ratio (SNR)
3
71
71
71
dB min
VDD = 2.35 V to 3.6 V, TA = 25 C
70
70
70
dB min
VDD = 2.4 V to 3.6 V
70
70
70
dB min
VDD = 4.75 V to 5.25 V, TA = 25 C
69
69
69
dB min
VDD = 4.75 V to 5.25 V
Total Harmonic Distortion (THD)
3
–80
–80
–80
dB typ
Peak Harmonic or Spurious Noise (SFDR)
3 –82
–82
–82
dB typ
Intermodulation Distortion (IMD)
3
Second-Order Terms
–84
–84
–84
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Third-Order Terms
–84
–84
–84
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Aperture Delay
10
10
10
ns typ
Aperture Jitter
30
30
30
ps typ
Full Power Bandwidth
13.5
13.5
13.5
MHz typ
@ 3 dB
222
MHz typ
@ 0.1 dB
DC ACCURACY
B and Y Grades
4
Resolution
12
12
12
Bits
Integral Nonlinearity
3
±1.5
±1.5
LSB max
±0.75
LSB typ
Differential Nonlinearity
–0.9/+1.5
–0.9/+1.5
LSB max
Guaranteed No Missed Codes to 12 Bits
±0.75
LSB typ
Offset Error
3, 5
±1.5
±1.5
LSB max
±1.5
±0.2
±0.2
LSB typ
Gain Error
3, 5
±1.5
±1.5
LSB max
±1.5
±0.5
±0.5
LSB typ
Total Unadjusted Error (TUE)
3, 5
±2
±2
LSB max
ANALOG INPUT
Input Voltage Range
0 to VDD
0 to VDD
0 to VDD
V
DC Leakage Current
±0.5
±0.5
±0.5
µA max
Input Capacitance
20
20
20
pF typ
Track-and-Hold in Track; 6 pF typ when
in Hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
1.8
1.8
1.8
V min
VDD = 2.35 V
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V
0.4
0.4
0.4
V max
VDD = 3 V
Input Current, IIN, SCLK Pin
±0.5
±0.5
±0.5
µA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±10
±10
±10
nA typ
Input Capacitance, CIN
6
555
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD – 0.2
VDD – 0.2
VDD – 0.2
V min
ISOURCE = 200
µA; V
DD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 200
µA
Floating-State Leakage Current
±1
±1
±1
µA max
Floating-State Output Capacitance
6
555
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
800
800
800
ns max
16 SCLK Cycles
Track-and-Hold Acquisition Time
3
250
250
250
ns max
Throughput Rate
1
1
1
MSPS max See Serial Interface Section


Número de pieza similar - AD7476AYKSZ-REEL73

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7476AYKSZ-REEL7 AD-AD7476AYKSZ-REEL7 Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results

Descripción similar - AD7476AYKSZ-REEL73

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com