Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA-024-12-02-00-00 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

No. de pieza LA-024-12-02-00-00
Descripción Electrónicos  Compact form factor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LSTD [Laird Tech Smart Technology]
Página de inicio  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-024-12-02-00-00 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  LA-024-12-02-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology LA-024-12-02-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology LA-024-12-02-00-00 Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LA‐024‐12‐02‐00‐00 
Liquid‐to‐Air Thermoelectric Assembly 
 
 
 
 
Americas: +1.919.597.7300  
Europe: +46.31.420530  
Asia: +86.755.2714.1166 
ets.sales@lairdtech.com 
www.lairdtech.com 
 
 
 
 
 
 
 
 
Thermoelectric cooling unit for medical and industrial 
applications  
 
The Liquid‐to‐Air Series thermoelectric assembly (TEA) offers 
dependable, compact performance by cooling objects via liquid to 
transfer heat. Heat is absorbed through a liquid heat exchanger and 
dissipated thru a high density heat sink equipped with an air ducted 
shroud and brand name fan. The thermoelectric modules are custom 
designed to achieve a high coefficient of performance (COP) to 
minimize power consumption. This product series is available in a wide 
range of cooling capacities and voltages. Custom configurations are 
available, however, MOQ applies. 
 
FEATURES   
Compact form factor 
Precise temperature control 
Reliable solid‐state operation 
DC operation 
RoHS compliant 
APPLICATIONS 
Medical Diagnostics 
Industrial Lasers 
Medical Lasers 
Analytical Instrumentation 
  


Número de pieza similar - LA-024-12-02-00-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
LA-024-24-02-00-00 LSTD-LA-024-24-02-00-00 Datasheet
270Kb / 3P
   Precise temperature control
More results

Descripción similar - LA-024-12-02-00-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
   SSD (Solid-State Disk) with compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
List of Unclassifed Man...
891 ETC2-891 Datasheet
902Kb / 6P
   Compact 2U half-rack form factor with 4.3??color display
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com