Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CX01K225K Datasheet(PDF) 1 Page - Kemet Corporation |
|
CX01K225K Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2039_T322_AXIAL_T323 • 9/9/2015 1 One world. One KEMET Benefits • TapedandreeledperEIASpecificationRS–296 • Laser-marked case • QualifiedtoMIL–PRF–49137/1and5(CX01andCX05Style) • Capacitancevaluesof0.1μFto330μF • Tolerancesof±5%,±10%and±20%(MandKonlytolerances available for T323 Series) • Voltageratingof2–50VDC • Operatingtemperaturerangeof-55˚Cto+85˚C • Casesizes:A,B,C,D,E,F Applications Typicalapplicationsincludedecoupling,blocking,bypassing andfilteringincommercialcomputers,dataprocessing, communications, and other electronic equipment. This product is well-suitedfordecouplingrequiredbyhighspeedcomputersdue toitslowESR/impedanceathighfrequencies. Overview TheKEMETT322andT323Series(CX01andCX05Style) offers a complete line of extended range molded solid tantalum capacitorsdesignedspecificallyforhighspeedautomatic insertionapplications.Thesecapacitorsofferanextremelyhigh capacitance-to-volume ratio while still maintaining excellent performance characteristics. Supplied in six axial lead tubular casesizes,thesecapacitorsareideallysuitedforuseinprinted wiring boards and all applications requiring a high degree of packagingdensityandcanbesuppliedinbulkpackagingor lead-taped on reels. The 322/T323 Series dimensions and tight leadwire-to-bodyconcentricitypermitinstallationbythesame automatic insertion equipment used for diodes and resistors. These capacitors are available in working voltages of 2, 4, 6, 10, 15, 20, 25, 35 and 50 volts. The operating temperature range -55°Cto+85°Catfullratedvoltageandwith2/385°Crated voltageat125°C.Thegoldcolorepoxypermitslasermarkingwith outstandingpermanencyandlegibility.T323Seriescapacitorsare qualifiedunderMIL–PRF–49137/1and5asMilitaryStyleCX01 andCX05.Typicalapplicationsincludedecoupling,blocking, bypassingandfilteringincommercialcomputers,dataprocessing, communications, and other electronic equipment. This product is well-suitedfordecouplingrequiredbyhighspeedcomputersdue toitslowESR/impedanceathighfrequencies. TantalumThrough-HoleCapacitors–MoldedAxial T322 and T323 Series MIL–PRF–49137/1 and 5 (CX01 and CX05 Style) |
Número de pieza similar - CX01K225K |
|
Descripción similar - CX01K225K |