Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5228 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza 1N5228
Descripción Electrónicos  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5228 Datasheet(HTML) 4 Page - Vishay Siliconix

  1N5228 Datasheet HTML 1Page - Vishay Siliconix 1N5228 Datasheet HTML 2Page - Vishay Siliconix 1N5228 Datasheet HTML 3Page - Vishay Siliconix 1N5228 Datasheet HTML 4Page - Vishay Siliconix 1N5228 Datasheet HTML 5Page - Vishay Siliconix 1N5228 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N5221 to 1N5267
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Sep-14
4
Document Number: 85588
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Forward Current vs. Forward Voltage
Fig. 8 - Z-Current vs. Z-Voltage
Fig. 9 - Z-Current vs. Z-Voltage
Fig. 10 - Differential Z-Resistance vs. Z-Voltage
Fig. 11 - Thermal Response
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
959605
VF - Forward Voltage (V)
T
j = 25 °C
8
20
95 9604
0
20
40
60
80
100
P
tot = 500 mW
T
amb = 25 °C
04
6
12
VZ - Z-Voltage (V)
15
20
25
30
0
10
20
30
40
50
VZ - Z-Voltage (V)
35
95 9607
P
tot = 500 mW
T
amb = 25 °C
0
101520
1
10
100
1000
25
95 9606
T
j = 25 °C
I
Z = 1 mA
5 mA
10 mA
VZ - Z-Voltage (V)
5
1
10
100
1000
tp - Pulse Length (ms)
95 9603
10-1
100
101
102
t
p/T = 0.5
t
p/T = 0.2
t
p/T = 0.1
t
p/T = 0.05
t
p/T = 0.02
t
p/T = 0.01
Single Pulse
R
thJA = 300 K/W
T = T
j max. - Tamb
i
ZM = (- VZ + (VZ
2 + 4r
zj x T/Zthp)
1/2)/(2r
zj)


Número de pieza similar - 1N5228

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
1N5228 SURGE-1N5228 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5228 DAYA-1N5228 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5228 HORNBY-1N5228 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5228 SEME-LAB-1N5228 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5228 JINANJINGHENG-1N5228 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Descripción similar - 1N5228

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com