Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5238 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza 1N5238
Descripción Electrónicos  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5238 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N5238 Datasheet HTML 1Page - Vishay Siliconix 1N5238 Datasheet HTML 2Page - Vishay Siliconix 1N5238 Datasheet HTML 3Page - Vishay Siliconix 1N5238 Datasheet HTML 4Page - Vishay Siliconix 1N5238 Datasheet HTML 5Page - Vishay Siliconix 1N5238 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5221 to 1N5267
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Sep-14
2
Document Number: 85588
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Based on DC measurement at thermal equilibrium; lead length = 9.5 (3/8"); thermal resistance of heat sink = 30 K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC RESISTANCE
f = 1 kHz
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 (1)
ZZK at IZT2
VZ
V
mA
μA
V
%/K
NOM.
MAX.
MAX.
MAX.
TYP.
1N5221
2.4
20
0.25
100
1
30
1200
- 0.085
1N5222
2.5
20
0.25
100
1
30
1250
- 0.085
1N5223
2.7
20
0.25
75
1
30
1300
- 0.08
1N5224
2.8
20
0.25
75
1
30
1400
- 0.08
1N5225
3
20
0.25
50
1
29
1600
- 0.075
1N5226
3.3
20
0.25
25
1
28
1600
- 0.07
1N5227
3.6
20
0.25
15
1
24
1700
- 0.065
1N5228
3.9
20
0.25
10
1
23
1900
- 0.06
1N5229
4.3
20
0.25
5
1
22
2000
0.055
1N5230
4.7
20
0.25
5
2
19
1900
0.03
1N5231
5.1
20
0.25
5
2
17
1600
0.03
1N5232
5.6
20
0.25
5
3
11
1600
0.038
1N5233
6
20
0.25
5
3.5
7
1600
0.038
1N5234
6.2
20
0.25
5
4
7
1000
0.045
1N5235
6.8
20
0.25
3
5
5
750
0.05
1N5236
7.5
20
0.25
3
6
6
500
0.058
1N5237
8.2
20
0.25
3
6.5
8
500
0.062
1N5238
8.7
20
0.25
3
6.5
8
600
0.065
1N5239
9.1
20
0.25
3
7
10
600
0.068
1N5240
10
20
0.25
3
8
17
600
0.075
1N5241
11
20
0.25
2
8.4
22
600
0.076
1N5242
12
20
0.25
1
9.1
30
600
0.077
1N5243
13
9.5
0.25
0.5
9.9
13
600
0.079
1N5244
14
9
0.25
0.1
10
15
600
0.082
1N5245
15
8.5
0.25
0.1
11
16
600
0.082
1N5246
16
7.8
0.25
0.1
12
17
600
0.083
1N5247
17
7.4
0.25
0.1
13
19
600
0.084
1N5248
18
7
0.25
0.1
14
21
600
0.085
1N5249
19
6.6
0.25
0.1
14
23
600
0.086
1N5250
20
6.2
0.25
0.1
15
25
600
0.086
1N5251
22
5.6
0.25
0.1
17
29
600
0.087
1N5252
24
5.2
0.25
0.1
18
33
600
0.088
1N5253
25
5
0.25
0.1
19
35
600
0.089
1N5254
27
4.6
0.25
0.1
21
41
600
0.09
1N5255
28
4.5
0.25
0.1
21
44
600
0.091
1N5256
30
4.2
0.25
0.1
23
49
600
0.091
1N5257
33
3.8
0.25
0.1
25
58
700
0.092
1N5258
36
3.4
0.25
0.1
27
70
700
0.093
1N5259
39
3.2
0.25
0.1
30
80
800
0.094
1N5260
43
3
0.25
0.1
33
93
900
0.095
1N5261
47
2.7
0.25
0.1
36
105
1000
0.095
1N5262
51
2.5
0.25
0.1
39
125
1100
0.096
1N5263
56
2.2
0.25
0.1
43
150
1300
0.096
1N5264
60
2.1
0.25
0.1
46
170
1400
0.097
1N5265
62
2
0.25
0.1
47
185
1400
0.097
1N5266
68
1.8
0.25
0.1
52
230
1600
0.097
1N5267
75
1.7
0.25
0.1
56
270
1700
0.098


Número de pieza similar - 1N5238

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
1N5238 SURGE-1N5238 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5238 DAYA-1N5238 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5238 HORNBY-1N5238 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5238 SEME-LAB-1N5238 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5238 JINANJINGHENG-1N5238 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Descripción similar - 1N5238

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com