Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMG4A Datasheet(PDF) 2 Page - Rohm

No. de pieza FMG4A
Descripción Electrónicos  General purpose (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

FMG4A Datasheet(HTML) 2 Page - Rohm

  FMG4A Datasheet HTML 1Page - Rohm FMG4A Datasheet HTML 2Page - Rohm FMG4A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMG4 / UMG4N / FMG4A
Transistors
Rev.A
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
50
50
5
100
250
250
0.5
0.5
0.3
600
V
V
V
µA
µA
V
MHz
R1
710
13
k
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=50V
VEB
=4V
VCE
=10V, IE= −5mA, f=100MHz
IC/IB
=10mA/1mA
VCE
=5V, IC=1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Input resistance
Electrical characteristics curves
COLLECTOR CURRENT : IC
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
VCE
=5V
Ta
=100°C
25
°C
−40°C
Fig.1 DC current gain vs. collector
current
COLLECTOR CURRENT : IC
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lC/lB
=10
Ta
=100°C
25
°C
−40°C
Fig.2 Collector-emitter saturation
voltage vs. collector current


Número de pieza similar - FMG4A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
FMG4A ROHM-FMG4A Datasheet
48Kb / 3P
   General purpose (dual digital transistors)
FMG4A ROHM-FMG4A Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG4A ROHM-FMG4A Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
FMG4A ROHM-FMG4A Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
FMG4AT148 ROHM-FMG4AT148 Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Descripción similar - FMG4A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com