Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WSAD92-02N Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

No. de pieza WSAD92-02N
Descripción Electrónicos  Ultrafast Dual Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Página de inicio  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WSAD92-02N Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WSAD92-02N Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/6
WSAD92-02N Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
20A,200V
20A,200V
20A,200V
20A,200V Ultrafast
Ultrafast
Ultrafast
Ultrafast Dual
Dual
Dual
Dual Diode
Diode
Diode
Diode
Reverse Recovery Circuit
V =200V
R
L = 7 0 µ H
0 . 0 1Ω
D . U . T
IR F P2 5 0
S
D
G
di /dt
A D J U S T
F
Fig.8
Fig.8
Fig.8
Fig.8 Rever
Rever
Rever
Revers
s
s
se
e
e
e Recovery
Recovery
Recovery
Recovery Paramet
Paramet
Paramet
Paramete
e
e
errrr T
T
T
Te
e
e
est
st
st
st Circuit
Circuit
Circuit
Circuit
3
2
4
5
IF
0
t r r
t a
tb
Q r r
0 .5 IR R M
di(rec)M/dt
0.75IR R M
IR R M
1
di /dt
F
1 .d i /d t-Ra te o f ch a n g e o f cu rre n t th o u g h ze ro
cro ssin g
2 .I
-Pe a k re ve rse re co ve ry cu rre n t
3 .trr-Re ve rse re co ve ry time me a su re d fro m ze ro
cro ssin g p o in t o f n e g a tive g o in g I to p o in t wh e re
a lin e p a ssin g th ro u g h 0 .7 5 I
a n d 0 .5 0 I
e xtra p o la te d to ze ro cu rre n t
F
R R M
F
RRM
RRM
5 .d i(re c)M/d t-Pe a k ra te o f ch a n g e o f
cu rre n t d u rin g tb p o rtio n o f trr
4 .Qrr-Are a u n d e r cu rve d e fin e d b y trr
a n d I
Qrr=trr
I
R R M
X RRM
2
Fig.9
Fig.9
Fig.9
Fig.9 Rever
Rever
Rever
Revers
s
s
se
e
e
e Recovery
Recovery
Recovery
Recovery W
W
W
Wa
a
a
aveform
veform
veform
veform and
and
and
and Definitions
Definitions
Definitions
Definitions


Número de pieza similar - WSAD92-02N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Winsemi Microe...
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
327Kb / 5P
   20A,200V Ultrafast Dual Diode
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
263Kb / 6P
   Ultrafast Dual Diode
WSAD92-02 WINSEMI-WSAD92-02_14 Datasheet
263Kb / 6P
   Ultrafast Dual Diode
More results

Descripción similar - WSAD92-02N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Winsemi Microe...
WDW80DK40B WINSEMI-WDW80DK40B Datasheet
360Kb / 6P
   Ultrafast Dual Diode
WDW60DK30B WINSEMI-WDW60DK30B Datasheet
382Kb / 6P
   Ultrafast Dual Diode
WSAD92-02 WINSEMI-WSAD92-02_14 Datasheet
263Kb / 6P
   Ultrafast Dual Diode
logo
NXP Semiconductors
BYV32E-200P PHILIPS-BYV32E-200P_15 Datasheet
174Kb / 10P
   Dual ultrafast power diode
14 May 2015
BYV34X-600 NXP-BYV34X-600 Datasheet
72Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-13 September 2007
BYV32G-200 NXP-BYV32G-200 Datasheet
156Kb / 11P
   Dual ultrafast power diode
Rev. 01-11 January 2011
logo
WeEn Semiconductors
BYQ72EK-200 WEEN-BYQ72EK-200 Datasheet
545Kb / 12P
   Dual ultrafast power diode
BYV34X-600 WEEN-BYV34X-600 Datasheet
451Kb / 9P
   Dual rectifier diode ultrafast
BYV430J-600P WEEN-BYV430J-600P Datasheet
277Kb / 10P
   Dual ultrafast power diode
logo
NXP Semiconductors
BYV34-600 PHILIPS-BYV34-600_15 Datasheet
69Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-4 October 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com