Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IHLP-2525AH-A1 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza IHLP-2525AH-A1
Descripción Electrónicos  Low Profile, High Current IHLP Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-2525AH-A1 Datasheet(HTML) 2 Page - Vishay Siliconix

  IHLP-2525AH-A1 Datasheet HTML 1Page - Vishay Siliconix IHLP-2525AH-A1 Datasheet HTML 2Page - Vishay Siliconix IHLP-2525AH-A1 Datasheet HTML 3Page - Vishay Siliconix IHLP-2525AH-A1 Datasheet HTML 4Page - Vishay Siliconix IHLP-2525AH-A1 Datasheet HTML 5Page - Vishay Siliconix IHLP-2525AH-A1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IHLP-2525AH-A1
www.vishay.com
Vishay Dale
Revision: 29-Aug-16
2
Document Number: 34239
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS
0
25
50
75
100
0
0.05
0.1
0.15
0.2
0
10203040
DC CURRENT (A)
0.10 µH
L
ΔT
°C
0
25
50
75
100
0
0.05
0.1
0.15
0.2
0
10203040
DC CURRENT (A)
0.15 µH
L
ΔT
°C
0
25
50
75
100
0
0.05
0.1
0.15
0.2
0.25
0
102030
DC CURRENT (A)
0.22 µH
L
ΔT
°C
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0
5
10
15
20
25
DC CURRENT (A)
0.33 µH
L
ΔT
°C
0
25
50
75
100
0
0.25
0.5
0.75
1
0
5
10
15
20
DC CURRENT (A)
0.47 µH
L
ΔT
°C
0
25
50
75
100
0
0.25
0.5
0.75
1
0
5
10
15
20
DC CURRENT (A)
0.68 µH
L
ΔT
°C
0
25
50
75
100
0
0.25
0.5
0.75
1
0
5
10
15
20
DC CURRENT (A)
0.82 µH
L
ΔT
°C
0
20
40
60
80
100
0
0.25
0.5
0.75
1
1.25
048
12
16
DC CURRENT (A)
1.0 µH
L
ΔT
°C


Número de pieza similar - IHLP-2525AH-A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IHLP-2525AH-A1 VISHAY-IHLP-2525AH-A1 Datasheet
485Kb / 6P
   IHLP® Automotive Inductors, High Saturation Series
01-Jan-2022
IHLP-2525AH-A1 VISHAY-IHLP-2525AH-A1_V01 Datasheet
485Kb / 6P
   IHLP® Automotive Inductors, High Saturation Series
01-Jan-2022
More results

Descripción similar - IHLP-2525AH-A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_09 Datasheet
157Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-May-09
IHLP1616BZEB1R0M11 VISHAY-IHLP1616BZEB1R0M11 Datasheet
246Kb / 3P
   Low Profile, High Current IHLP Inductors
Revision: 26-Feb-13
IHLP2525CZERR22M01 VISHAY-IHLP2525CZERR22M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP5050EZER4R7M01 VISHAY-IHLP5050EZER4R7M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP2020BZER4R7M11 VISHAY-IHLP2020BZER4R7M11 Datasheet
290Kb / 6P
   Low Profile, High Current IHLP Inductors
Revision: 20-Sep-13
IHLP5050EZER7R8M01 VISHAY-IHLP5050EZER7R8M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-01 VISHAY-IHLP-5050FD-01_12 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-8A VISHAY-IHLP-5050FD-8A Datasheet
453Kb / 9P
   Low Profile, High Current IHLP Inductors
Revision: 03-May-16
IHLP-1212AB-11 VISHAY-IHLP-1212AB-11 Datasheet
288Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 12-Sep-16
IHLP-4040DZ-A1 VISHAY-IHLP-4040DZ-A1 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-Sep-15
IHLP-4040DZ-11 VISHAY-IHLP-4040DZ-11_15 Datasheet
130Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 26-Aug-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com