Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OARS1R050FLF Datasheet(PDF) 1 Page - TT Electronics.

No. de pieza OARS1R050FLF
Descripción Electrónicos  Surface Mount Sense Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARS1R050FLF Datasheet(HTML) 1 Page - TT Electronics.

  OARS1R050FLF Datasheet HTML 1Page - TT Electronics. OARS1R050FLF Datasheet HTML 2Page - TT Electronics. OARS1R050FLF Datasheet HTML 3Page - TT Electronics. OARS1R050FLF Datasheet HTML 4Page - TT Electronics. OARS1R050FLF Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
Flexible leads for thermal expansion
Open-airdesignreducesPCBheating
Values down to 1milliohm
Element TCR ±20ppm/°C
Zero-ohm 65A jumper version
Surface Mount Sense Resistors
A
O RS, OARS-XP, OARSZ Series
Flexible leads for thermal expansion
Open-air design reduces PCB heating
Values down to 1mΩ
Element TCR ±20ppm/ºC
Zero-ohm 65A jumper version
RoHS compliant
Electrical Data
OARS1/3
OARS-XP
Power rating at 25ºC
watts
2
4
Power rating at 85ºC
watts
1
2
Resistance range
ohms
R002 to R050
R001 to R025
Resistance Tolerance
%
R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms 2, 3, 4, 5, 10, 15, 20, 22, 25, 30, 40, 50
1, 2, 2.5, 5, 7.5, 10, 20, 25
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25ºC
amps
65
Current rating at 85ºC
amps
46
Ambient temperature range
°C
-55 to +160
Zero-ohm jumper
Physical Data
Dimensions (mm) and recommended solder pads
Type
L
H
T
D
W
a nom. b nom. c nom. d nom.
OARS1/3 >R003, OARS-1Z
3.05
±0.76
OARS1/3 - R003
11.18
±0.38
4.83
±0.76
3.18
±0.38
4.07
OARS1/3 - R002
11.56
±0.38
3.51
±0.76
4.7
±0.76
3.56
±0.38
4.45
9.37
3.07
OARS-XP
10.7 to
12.0*
2.28 to
4.57*
2.36
±0.25
4.83
±0.76
6.35
±0.38
7.24
9.58
3.18
3.23
* Dependent on ohmic value
a
b
d
c
c
07.11
Electrical Data
OARS1
OARS3
OARS-XP
Power rating
at 70°C ambient, or 140°C
terminal temperature
watts
2
3
5
Resistance range
ohms
R002 to R050
R002 to R015
R001 to R025
Resistance Tolerance
%
≤ R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms
2, 3, 4, 5, 10, 15, 20,
22, 25, 30, 40, 50
2, 3, 4, 5, 10, 15
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25°C ambient
amps
65
Zero-ohm jumper
Max residual resistance
milliohms
0.3
Ambient temperature range
°C
-55 to +160
Temperature Derating
OARSZ
OARS1/3/XP
Note: For OARS1/3/XP this relates to power rating, for OARSZ it relates to current rating.
1, 2, 2.5, 5, 7.5,
12.5, 10, 20, 25
Surface Mount Sense Resistors
A
O RS, OARS-XP, OARSZ Series
Flexible leads for thermal expansion
Open-air design reduces PCB heating
Values down to 1mΩ
Element TCR ±20ppm/ºC
Zero-ohm 65A jumper version
RoHS compliant
Electrical Data
OARS1/3
OARS-XP
Power rating at 25ºC
watts
2
4
Power rating at 85ºC
watts
1
2
Resistance range
ohms
R002 to R050
R001 to R025
Resistance Tolerance
%
R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms 2, 3, 4, 5, 10, 15, 20, 22, 25, 30, 40, 50
1, 2, 2.5, 5, 7.5, 10, 20, 25
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25ºC
amps
65
Current rating at 85ºC
amps
46
Ambient temperature range
°C
-55 to +160
Zero-ohm jumper
Physical Data
Dimensions (mm) and recommended solder pads
Type
L
H
T
D
W
a nom. b nom. c nom. d nom.
OARS1/3 >R003, OARS-1Z
3.05
±0.76
OARS1/3 - R003
11.18
±0.38
4.83
±0.76
3.18
±0.38
4.07
OARS1/3 - R002
11.56
±0.38
3.51
±0.76
4.7
±0.76
3.56
±0.38
4.45
9.37
3.07
OARS-XP
10.7 to
12.0*
2.28 to
4.57*
2.36
±0.25
4.83
±0.76
6.35
±0.38
7.24
9.58
3.18
3.23
* Dependent on ohmic value
a
b
d
c
c
07.11
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Número de pieza similar - OARS1R050FLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IRC - a TT electronics ...
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
OARS1R005GLF IRCTT-OARS1R005GLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
OARS1R005JLF IRCTT-OARS1R005JLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
logo
Welwyn Components Limit...
OARS1R01FI WELWYN-OARS1R01FI Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
OARS1R01JI WELWYN-OARS1R01JI Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
More results

Descripción similar - OARS1R050FLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
OARSXPR010FLF TTELEC-OARSXPR010FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
   Surface Mount Sense Resistors
logo
TT Electronics.
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS1R025FLF TTELEC-OARS1R025FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS3R003FLF TTELEC-OARS3R003FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com