Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SCW-SC3LF-100R Datasheet(PDF) 2 Page - TT Electronics.

No. de pieza SCW-SC3LF-100R
Descripción Electrónicos  High Power Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SCW-SC3LF-100R Datasheet(HTML) 2 Page - TT Electronics.

  SCW-SC3LF-100R Datasheet HTML 1Page - TT Electronics. SCW-SC3LF-100R Datasheet HTML 2Page - TT Electronics. SCW-SC3LF-100R Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Power
Chip Resistors
SC3 Series
High Power
Chip Resistors
SC3 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue A · 03.02
Welwyn Components
Performance Data
Temperature Rise vs Pad Area
Construction
Resistive thick film material, overglaze and organic protection
are screen printed on a 96% alumina substrate. The
components are laser trimmed to achieve the required
resistance tolerance.
Terminations
The wrap-around copper terminations have an electroplated
nickel barrier and tin-lead solder coating, this ensures
excellent ‘leach’ resistance properties and solderability.
Chips can withstand immersion in solder at 250˚C for 90
seconds and are suitable for reflow or wave soldering
mounting applications.
Marking
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Chips are packed and mounted with marking side up.
The SC3 Chips are mounted with the actual resistor element
mounted face down on its termination pads.
1000
100
10
100mm2
300mm2
1000mm2
Termination Pad Area (each end)
1 watt
2 watt
3 watt
Pulse Power Rating
100
10
1
0
.
0
1
0
.
1
1
.
0
Time (sec)
The wrap-around terminations have an electroplated nickel
barrier and matte tin finish. This ensures
excellent ‘leach’ resistance properties and solderability.
04.10
AEC-Q200 Table 7
Method
Max.+0.01
Typ.
ref
Test
3
High Temp. Exposure
MIL-STD-202 Method 108
R%
0.5
0.2
4
Temperature Cycling
JESD22 Method JA-104
R%
0.25
0.1
6
Moisture Resistance
MIL-STD-202 Method 106
R%
0.5
0.2
7
Biased Humidity
MIL-STD-202 Method 103
R%
0.5
0.1
8
Operational Life (Cyclic Load)
MIL-STD-202 Method 108
R%
1.0
0.5
14
Vibration
MIL-STD-202 Method 204
R%
0.25
0.05
15
Resistance to Soldering Heat
MIL-STD-202 Method 210
R%
0.25
0.05
16
Thermal Shock
MIL-STD-202 Method 107
R%
0.5
0.2
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
R%
0.25
0.05
22
Terminal Strength
AEC-Q200-006
R%
0.25
0.05
Short Term Overload
6.25 x Pr for 2s
R%
0.5
Low Temperature Storage
Low Temperature Operation
-65°C for 100 hours
R%
R%
R%
0.5
Shelf Life Test
Room temp for 12 months
-65°C for 1 hour then Pr for 45 minutes
0.5
0.1
Leach Resistance
Solder dip at 250°C
90s minimum
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Número de pieza similar - SCW-SC3LF-100R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
SCW-SC3LF-2R70 TTELEC-SCW-SC3LF-2R70 Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
IRC - a TT electronics ...
SCW-SC3LF-33R0-F IRCTT-SCW-SC3LF-33R0-F Datasheet
374Kb / 3P
   High Power Dissipation SMT Chip Resistor
SCW-SC3LF-33R0-G IRCTT-SCW-SC3LF-33R0-G Datasheet
374Kb / 3P
   High Power Dissipation SMT Chip Resistor
SCW-SC3LF-33R0-J IRCTT-SCW-SC3LF-33R0-J Datasheet
374Kb / 3P
   High Power Dissipation SMT Chip Resistor
logo
TT Electronics.
SCW-SC3LF-33R0F TTELEC-SCW-SC3LF-33R0F Datasheet
1Mb / 3P
   High Power Chip Resistors
More results

Descripción similar - SCW-SC3LF-100R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
logo
TT Electronics.
SC3 TTELEC-SC3_17 Datasheet
1Mb / 3P
   High Power Chip Resistors
logo
Rohm
LTR50 ROHM-LTR50_10 Datasheet
141Kb / 4P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM0805 BOURNS-CRM0805 Datasheet
168Kb / 2P
   High power chip resistors
logo
Rohm
LTR18 ROHM-LTR18_10 Datasheet
119Kb / 3P
   High Power Chip Resistors
logo
TT Electronics.
SCW-SC3LF-2R70 TTELEC-SCW-SC3LF-2R70 Datasheet
986Kb / 3P
   High Power Chip Resistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com