Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5882AS Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

No. de pieza SM5882AS
Descripción Electrónicos  Audio 3rd-order D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5882AS Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5882AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—2
PACKAGE DIMENSIONS
(Unit : mm)
Weight : 0.07g
SERIES LINEUP
Device
Input length
Type
Pin 2 function
Master clock
SM5882AS
16
2-wire input
Deemphasis control
384fs
SM5883AS
16
3-wire input
Bit clock input
384fs
SM5883BS
16
3-wire input
Bit clock input
256fs
SM5885CS
24
3-wire input
Bit clock input
512fs
5.2 0.3
0.4 0.1
0.15 + 0.1
− 0.05
0 to 10
0.695typ
1.27
0.12 M
0.10


Número de pieza similar - SM5882AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
SM580-2 DATATRONICS-SM580-2 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
SM580-3 DATATRONICS-SM580-3 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
logo
Nippon Precision Circui...
SM5803 NPC-SM5803 Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
logo
Silicon Mitus, Inc.
SM5803A SILICONMITUS-SM5803A Datasheet
251Kb / 3P
   Type-C Multi-cell NVDC Buck-Boost Charger
January 2021 Rev. 0.15
More results

Descripción similar - SM5882AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
   3rd-order , 2-channel D/A Converter
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
   3rd-order, 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
   3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
   3rd-order , 2-channel D/A converter
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com