Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UMH11NFHA Datasheet(PDF) 5 Page - Rohm

No. de pieza UMH11NFHA
Descripción Electrónicos  General purpose (Dual digital transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

UMH11NFHA Datasheet(HTML) 5 Page - Rohm

  UMH11NFHA Datasheet HTML 1Page - Rohm UMH11NFHA Datasheet HTML 2Page - Rohm UMH11NFHA Datasheet HTML 3Page - Rohm UMH11NFHA Datasheet HTML 4Page - Rohm UMH11NFHA Datasheet HTML 5Page - Rohm UMH11NFHA Datasheet HTML 6Page - Rohm UMH11NFHA Datasheet HTML 7Page - Rohm UMH11NFHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UMH11N FHA
 
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
5/5
20161012 - Rev.001


Número de pieza similar - UMH11NFHA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11N ROHM-UMH11N Datasheet
44Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
81Kb / 4P
   General purpose (dual digital transistors)
logo
Micro Commercial Compon...
UMH11N MCC-UMH11N Datasheet
117Kb / 3P
   Digital Transistors
More results

Descripción similar - UMH11NFHA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com