Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

748411245 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 748411245
Descripción Electrónicos  Chip-Balun WE-BAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

748411245 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  748411245 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 748411245 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 748411245 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 748411245 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bezeichnung :
description :
* Line width should be designed to provide proper impedance matching characteristics,
depending on PCB material and thickness.
Spezifikation für Freigabe / specification for release
Kunde / customer :
Chip-Balun WE-BAL
DATUM / DATE : 2004-12-14
Artikelnummer / part number :
748411245
SMD-Balun WE-BAL
H Lötpadempfehlung / solder pads:
Land
Solder Resist
LF
0.25
*
*
*
0.3
0.55
0.25
Units: mm
* Impedance for ports 2 and 3 = ½ (Balanced Impedance)
http://www.we-online.de
K Messdiagramme/ measuring diagrams:
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Land
Solder Resist
Through-hole (Ø 0.3)
No.
No.
Terminal Name
Terminal Name
Unbalanced Port (IN)
NC
GND / DC-Feed / RF-GND
Balanced Port (OUT 1)
NC
Balanced Port (OUT 2)
1
2
3
4
5
6
1
2
3
6
5
4
Network
Analyzer
Port 3*
Port 1
( 50 Ω )
Port 2*
GND
LF
0.25
*
*
*
0.3
0.55
0.25
Land
Solder Resist
Through-hole (Ø 0.3)
No.
No.
Terminal Name
Terminal Name
Unbalanced Port (IN)
NC
GND / DC-Feed / RF-GND
Balanced Port (OUT 1)
NC
Balanced Port (OUT 2)
1
2
3
4
5
6
1
2
3
6
5
4
Network
Analyzer
Port 3*
Port 1
( 50 Ω )
Port 2*
GND
LF
0.25
*
*
*
0.3
0.55
0.25
SEITE 2 VON 4


Número de pieza similar - 748411245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
748412245 WURTH-748412245 Datasheet
186Kb / 4P
   Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
   Chip-Balun WE-BAL
More results

Descripción similar - 748411245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
748421551 WURTH-748421551 Datasheet
210Kb / 4P
   Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
   Chip-Balun WE-BAL
748425245 WURTH-748425245 Datasheet
204Kb / 4P
   Chip-Balun WE-BAL
748412245 WURTH-748412245 Datasheet
186Kb / 4P
   Chip-Balun WE-BAL
748422245 WURTH-748422245 Datasheet
570Kb / 7P
   WE-BAL Multilayer Chip Balun
002.001
logo
STMicroelectronics
AN4315 STMICROELECTRONICS-AN4315 Datasheet
703Kb / 10P
   BAL-NRF02D3 matched balun with integrated harmonics filter
logo
Abracon Corporation
AMCB21 ABRACON-AMCB21 Datasheet
187Kb / 2P
   MULTILAYER CHIP BALUN
10.23.07
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com