Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK17TA8-W25I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza STK17TA8-W25I
Descripción Electrónicos  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-W25I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK17TA8-W25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STK17TA8
February 2004
3
Document Control # ML0023 rev 0.3
DC CHARACTERISTICS(VCC = 3.0V +20%, -10%)e
Note b: ICC
1
and ICC
3
are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c: ICC
2
and ICC
4
are the average currents required for the duration of the respective STORE cycles (tSTORE ).
Note d: E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
Note e: VCC reference levels throughout this datasheet refer to VCCX.
AC TEST CONDITIONS
CAPACITANCEf
(TA = 25°C, f = 1.0MHz)
Note f:
These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC
1
b
Average VCC Current
70
60
55
75
65
60
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
ICC
2
c
Average VCC Current during STORE
1
1
mA
All Inputs Don’t Care, VCC = max
ICC
3
b
Average VCC Current at tAVAV = 200ns
3V, 25°C, Typical
55
mA
W
≥ (V CC– 0.2V)
All Others Cycling, CMOS Levels
ICC
4
c
Average VCAP Current during
AutoStore™ Cycle
0.5
0.5
mA
All Inputs Don’t Care
ISBd
VCC Standby Current
(Standby, Stable CMOS Input Levels)
0.3
0.3
mA
E
≥ (V CC– 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
IBAK
RTC Backup Current
200
300
nA
VBAK
RTC Backup Voltage
1.6
1.6
V
VIH
Input Logic “1” Voltage
2.0
VCC + .3
2.0
VCC + .3
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 2mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 4mA
TA
Operating Temperature
0
70
–40
85
°C
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
5
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
ABSOLUTE MAXIMUM RATINGSa
Power Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . .–0.5V to +3.9V
Voltage on Input Relative to VSS . . . . . . . . . . –0.5V to (VCC + 0.5V)
Voltage on DQ0-7 . . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V)
Temperature under Bias . . . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA
Note a: Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
577 Ohms
30 pF
789 Ohms
3.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE
Figure 1: AC Output Loading


Número de pieza similar - STK17TA8-W25I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25 CYPRESS-STK17TA8-RF25 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Descripción similar - STK17TA8-W25I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com