Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14CA8-N45I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza STK14CA8-N45I
Descripción Electrónicos  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-N45I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK14CA8-N45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-N45I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
4
AC TEST CONDITIONS
CAPACITANCE
b
(TA = 25°C, f = 1.0MHz)
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
7
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
Notes
b: These parameters are guaranteed but not tested
3.0V
30 pF
INCLUDING
SCOPE AND
FIXTURE
577 Ohms
789 Ohms
OUTPUT
3.0V
30 pF
INCLUDING
SCOPE AND
FIXTURE
577 Ohms
789 Ohms
OUTPUT
Figure 3. AC Output Loading,
for tristate specs (
tHZ, tLZ, tWLQZ, tWHQZ,
tGLQX, tGHQZ )
Figure 2. AC Output Loading
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Levels
Output Load
0V to 3V
≤ 5ns
1.5V
See Figure 2 and Figure 3
5 pF


Número de pieza similar - STK14CA8-N45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14CA8-NF25 SIMTEK-STK14CA8-NF25 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25 SIMTEK-STK14CA8-NF25 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-NF25 CYPRESS-STK14CA8-NF25 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Descripción similar - STK14CA8-N45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com