Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC071ID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC071ID
Descripción Electrónicos  FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC071ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC071ID Datasheet HTML 2Page - Texas Instruments TLC071ID Datasheet HTML 3Page - Texas Instruments TLC071ID Datasheet HTML 4Page - Texas Instruments TLC071ID Datasheet HTML 5Page - Texas Instruments TLC071ID Datasheet HTML 6Page - Texas Instruments TLC071ID Datasheet HTML 7Page - Texas Instruments TLC071ID Datasheet HTML 8Page - Texas Instruments TLC071ID Datasheet HTML 9Page - Texas Instruments TLC071ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219D − JUNE 1999 − REVISED FEBRUARY 2004
6
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
AVD
Large-signal differential voltage
VO(PP) = 3 V,
RL = 10 kΩ
25
°C
100
120
dB
AVD
Large-signal differential voltage
amplification
VO(PP) = 3 V,
RL = 10 kΩ
Full range
100
dB
ri(d)
Differential input resistance
25
°C
1000
G
CIC
Common-mode input
capacitance
f = 10 kHz
25
°C
22.9
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25
°C
0.25
CMRR
Common-mode rejection ratio
VIC = 1 to 3 V,
RS = 50 Ω
25
°C
80
95
dB
CMRR
Common-mode rejection ratio
VIC = 1 to 3 V,
RS = 50 Ω
Full range
80
dB
kSVR
Supply voltage rejection ratio
VDD = 4.5 V to 16 V,
VIC = VDD /2,
25
°C
80
100
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 4.5 V to 16 V,
No load
VIC = VDD /2,
Full range
80
dB
IDD
Supply current (per channel)
VO = 2.5 V,
No load
25
°C
1.9
2.5
mA
IDD
Supply current (per channel)
VO = 2.5 V,
No load
Full range
3.5
mA
IDD(SHDN)
Supply current in shutdown
mode (per channel)
SHDN
≤ 0.8 V
25
°C
125
200
A
IDD(SHDN) mode (per channel)
(TLC070, TLC073, TLC075)
SHDN
≤ 0.8 V
Full range
250
µA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.


Número de pieza similar - TLC071ID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC071ID TI-TLC071ID Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC071ID TI-TLC071ID Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC071ID TI1-TLC071ID Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC071IDG4 TI-TLC071IDG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC071IDG4 TI1-TLC071IDG4 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Descripción similar - TLC071ID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com