Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP05DA48D15W Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

No. de pieza TP05DA48D15W
Descripción Electrónicos  5W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05DA48D15W Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TP05DA48D15W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05DA48D15W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05DA48D15W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05DA48D15W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP05DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 of 4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT:
Dual Output
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+vin
-vin
Cin
+
+V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.


Número de pieza similar - TP05DA48D15W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP05DA48D15W TOPPOWER-TP05DA48D15W Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
TP05DA48D15W TOPPOWER-TP05DA48D15W Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DA48D15W TOPPOWER-TP05DA48D15W Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA48D15W TOPPOWER-TP05DA48D15W Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Descripción similar - TP05DA48D15W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP05DB TOPPOWER-TP05DB_V01 Datasheet
725Kb / 4P
   5W 1.5KVDC Isolated Wide Voltage Input DC/DC Converters
TP05DA TOPPOWER-TP05DA_19 Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA_V01 Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
List of Unclassifed Man...
A05D12 ETC1-A05D12 Datasheet
37Kb / 2P
   INPUT 5W DC/DC CONVERTERS
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP05AL TOPPOWER-TP05AL Datasheet
214Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_19 Datasheet
1Mb / 3P
   5W 4KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com