Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2046IPW Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza TSC2046IPW
Descripción Electrónicos  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046IPW Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button TSC2046IPW Datasheet HTML 5Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 6Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 7Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 8Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 9Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 10Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 11Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 12Page - Burr-Brown (TI) TSC2046IPW Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TSC2046
9
SBAS265C
www.ti.com
ANALOG INPUT
Figure 2 shows a block diagram of the input multiplexer on
the TSC2046, the differential input of the ADC, and the
differential reference of the converter. Table I and Table II
show the relationship between the A2, A1, A0, and SER/DFR
control bits and the configuration of the TSC2046. The
control bits are provided serially via the DIN pin—see the
Digital Interface section of this data sheet for more details.
A2
A1
A0
VBAT
AUXIN
TEMP
Y–
X+
Y+
Y-POSITION
X-POSITION
Z1-POSITION Z2-POSITION
X-DRIVERS
Y-DRIVERS
00
0
+IN (TEMP0)
Off
Off
0
0
1
+IN
Measure
Off
On
0
1
0
+IN
Off
Off
0
1
1
+IN
Measure
X–, On
Y+, On
1
0
0
+IN
Measure
X–, On
Y+, On
1
0
1
+IN
Measure
On
Off
1
1
0
+IN
Off
Off
11
1
+IN (TEMP1)
Off
Off
TABLE I. Input Configuration (DIN), Single-Ended Reference Mode (SER/DFR high).
TABLE II. Input Configuration (DIN), Differential Reference Mode (SER/DFR low).
A2
A1
A0
+REF
–REF
Y–
X+
Y+
Y-POSITION
X-POSITION
Z1-POSITION
Z2-POSITION
DRIVERS ON
0
0
1
Y+
Y–
+IN
Measure
Y+, Y–
0
1
1
Y+
X–
+IN
Measure
Y+, X–
1
0
0
Y+
X–
+IN
Measure
Y+, X–
1
0
1
X+
X–
+IN
Measure
X+, X–
When the converter enters the hold mode, the voltage
difference between the +IN and –IN inputs (as shown in
Figure 2) is captured on the internal capacitor array. The
input current into the analog inputs depends on the conver-
sion rate of the device. During the sample period, the source
must charge the internal sampling capacitor (typically 25pF).
After the capacitor has been fully charged, there is no further
input current. The rate of charge transfer from the analog
source to the converter is a function of conversion rate.
FIGURE 2. Simplified Diagram of Analog Input.
ADC
Logic
Level
Shifter
REF
+REF
+IN
IN
V
BAT
AUX
Battery
On
GND
2.5V
Reference
Ref On/Off
X+
X–
+V
CC
TEMP1
PENIRQ
50k
or
90k
Y+
Y–
V
REF
IOVDD
TEMP0
7.5k
2.5k
A2-A0
(Shown 001
B)
SER/DFR
(Shown Low)


Número de pieza similar - TSC2046IPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2046IPW TI1-TSC2046IPW Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWG4 TI1-TSC2046IPWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWR TI1-TSC2046IPWR Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWRG4 TI1-TSC2046IPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

Descripción similar - TSC2046IPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com