Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS-BGA680C-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza SS-BGA680C-01
Descripción Electrónicos  Compression plate distributes evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA680C-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SS-BGA680C-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA680C-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA680C-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA680C-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
62.73mm
58.10mm
39.7mm
+ IC height
A
A
Top View
Side View
Front View
Section A-A
Initial position
Operating position
Probe Specification:
Minimum pitch: 0.020" (0.5mm)
Signal path length: 0.093" (2.37mm)
Force per contact: 27g (0.96oz.) at operating
position.
Device compliance: 0.006" (0.15mm)
DUT Board Compliance: 0.006" (0.15mm)
Operating Temp.: -55C to +150C
Insertions: >500,000
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: E Smolentseva
Scale: 1.25:1
Rev: A
Date: 3/4/10
Modified:
File: SS-BGA680C-01 Dwg
SS-BGA680C-01 Drawing
PAGE 1 of 4
Pogo Pin:
Plungers - Full hard beryllium copper, gold
plated
Barrel - Nickel/ Silver, gold plated
Spring - Stainless Steel, gold plated
Pogo Pin Guide Screw: Pan head phillips, 18-8
SS, 0-80 thread, 4.76mm (3/16") long.
© 2010 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Description: BGA Test Socket
680 position BGA test socket.
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized Aluminum.
Height = 27 mm, Fluted Knob
Pogo Pin Guides: Ceramic Filled Peek
Socket Base: Black anodized Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw,
Black Oxide, 0-80 Thread, 15.875mm (5/8")
long.
Backing Plate: Black anodized Aluminum
Insulation Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
Latch: Black anodized Aluminum.
10
11
Electrical Specifications:
Impedance: 50W
Current Carrying: 5 amps continuous.
Typical Resistance: <50 mW
Inductance: 1.1nH
1
2
3
4
5
6
7
8
9
10
11
IC Guide: Ultem
12
12


Número de pieza similar - SS-BGA680C-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA680B-01 IRONWOOD-SS-BGA680B-01 Datasheet
224Kb / 5P
   Compression plate distributes forces evenly
More results

Descripción similar - SS-BGA680C-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA672B-01 IRONWOOD-SS-BGA672B-01 Datasheet
147Kb / 4P
   Compression plate distributes evenly
SS-BGA676C-01 IRONWOOD-SS-BGA676C-01 Datasheet
154Kb / 4P
   Compression plate distributes evenly
SS-LGA376A-01 IRONWOOD-SS-LGA376A-01 Datasheet
200Kb / 5P
   Compression plate distributes evenly
SS-BGA672B-02 IRONWOOD-SS-BGA672B-02 Datasheet
370Kb / 4P
   Compression plate distributes evenly
SS-BGA772A-01 IRONWOOD-SS-BGA772A-01 Datasheet
287Kb / 5P
   Compression plate distributes evenly
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
SS-QFN104A-01 IRONWOOD-SS-QFN104A-01 Datasheet
133Kb / 4P
   Compression plate distributes evenly
SS-QFN48J-01 IRONWOOD-SS-QFN48J-01 Datasheet
69Kb / 3P
   Compression plate distributes evenly
SS-BGA63E-01 IRONWOOD-SS-BGA63E-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-LGA324A-M-01 IRONWOOD-SS-LGA324A-M-01 Datasheet
128Kb / 3P
   Compression plate distributes evenly
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com