Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS-SS-12-3.5 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza TS-SS-12-3.5
Descripción Electrónicos  To be used with clamshell sockets
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

TS-SS-12-3.5 Datasheet(HTML) 1 Page - Ironwood Electronics.

  TS-SS-12-3.5 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TS-SS-12-X.X Drawing
Status: Released
Drawing: Vinayak R
Scale: -
Rev: C
Date: 6/4/08
Modified: 10/21/09
File: TS-SS-12-X_X Dwg
TS-SS-12-X.X Drawing
Top View
Side View
© 2008 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Tolerances: All tolerances are ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Compression Screw Top: Clear anodized
Aluminum.
1
2
1
2
Compression Screw Bottom: Black anodized
Aluminum M10 x0.75x6g Thread.
M10x0.75x6g.
Description: Torque Indicating Screw
Torque screw for 0.5 in lbs -5.2 in lbs.
To be used with clamshell sockets
Compression screw needs to be turned clockwise up to the point where
the arrow on top of the compression screw aligns with laser mark on the
compression screw bottom.
Laser Mark
Note: Screw needs to be calibrated for a
specific torque.
Use part numbers shown in the table
below to order appropriate screw
TS-SS-12-0.5
TS-SS-12-1.0
TS-SS-12-1.5
TS-SS-12-2.0
TS-SS-12-2.5
TS-SS-12-3.0
Ordering
Information
Part Number
Torque (in. lbs)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TS-SS-12-3.5
TS-SS-12-4.0
TS-SS-12-4.5
TS-SS-12-5.0
4.0
4.5
5.0
Clamshell lid socket with Torque Indicating Screw
18.41mm
33mm


Número de pieza similar - TS-SS-12-3.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
TS-SS-11-10.0 IRONWOOD-TS-SS-11-10.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
TS-SS-11-3.0 IRONWOOD-TS-SS-11-3.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
TS-SS-11-3.5 IRONWOOD-TS-SS-11-3.5 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
TS-SS-11-4.0 IRONWOOD-TS-SS-11-4.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
TS-SS-11-4.5 IRONWOOD-TS-SS-11-4.5 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
More results

Descripción similar - TS-SS-12-3.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
TS-SS-11-3.0 IRONWOOD-TS-SS-11-3.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
TS-SS-03-0.5 IRONWOOD-TS-SS-03-0.5 Datasheet
74Kb / 1P
   To be used with Clamshell lid sockets
LS-BGA520C-05 IRONWOOD-LS-BGA520C-05 Datasheet
98Kb / 1P
   To be used with GHz sockets
TS-SG-01-3.0 IRONWOOD-TS-SG-01-3.0 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
TS-SG-02-0.5 IRONWOOD-TS-SG-02-0.5 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
logo
Future Technology Devic...
DS_UMFT311GP FTDI-DS_UMFT311GP Datasheet
835Kb / 14P
   DS_UMFT311GP shield board to be used with FT311D Development Module.
logo
Schneider Electric
NSYSPCP SCHNEIDER-NSYSPCP Datasheet
97Kb / 2P
   Cable ducting support to be used with 22mm-diameter products
Nov 24, 2021
logo
Ironwood Electronics.
GT-QFN-3000 IRONWOOD-GT-QFN-3000 Datasheet
219Kb / 4P
   Clamshell lid design
logo
TE Connectivity Ltd
C-2213130 TEC-C-2213130 Datasheet
666Kb / 3P
   M3 SCREW TO BE USED FOR MOUNTING
logo
alpha microelectronics ...
A4231 ALPHA-MICRO-A4231 Datasheet
111Kb / 2P
   proximity sensor integrated circuit to be used with a broad range
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com