Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP-QFN-8009 Datasheet(PDF) 2 Page - Ironwood Electronics.

No. de pieza SMP-QFN-8009
Descripción Electrónicos  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8009 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SMP-QFN-8009 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8009 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8009 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8009 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15.23 SOCKET BASE
17.73 BACKING PLATE
1.85
(x2)
0.40 TYP
0.85 THRU (x2)
NON-PLATED ALIGNMENT HOLE
1.70±0.10 (x4)
NON-PLATED MOUNTING HOLE
CL 1.7 holes 0
and pads
6.3625 (x2)
1.2825
6.3625 (x2)
3.8225
4.20 (x2)
4.20 (x2)
4.70 (x10)
4.70 (x10)
A1 marking on socket base
0.50 x 0.30 Pads (64x)
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder Finish
PCB Pad Height: Same or higher than solder mask
*NOTE: PAD LAYOUT OFFSET
WITH RESPECT TO CENTERLINE
OF MOUNTING HOLES. PADS
PATTERN IS SHIFTED 0.25MM TO
THE RIGHT.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Hole and pad positions ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/18/2015
Material: N/A
Finish: N/A
Weight: 10.98
SMP-QFN-8009 Drawing
SCALE: 7:1
SHEET: 2 OF 4
ENG: B. Schatz
FILE: SMP-QFN-8009 Dwg
DRAWN BY: M. Raske


Número de pieza similar - SMP-QFN-8009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SMP-QFN-8002 IRONWOOD-SMP-QFN-8002 Datasheet
368Kb / 5P
   Compression plate distributes forces evenly
SMP-QFN-8007 IRONWOOD-SMP-QFN-8007 Datasheet
495Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8008 IRONWOOD-SMP-QFN-8008 Datasheet
530Kb / 6P
   Low and stable contact resistance for reliable production yield
More results

Descripción similar - SMP-QFN-8009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com