Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA158 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza BA158
Descripción Electrónicos  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BA158 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BA158 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BA158 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
1
.1
.4
.2
4
2
6
20
10
40
100
60
20
4
2
10
1 00
40
TJ-25
f=1.0MHz
0.001
0.01
0
1.0
0.1
TJ=25
40
60
80
100
20
TJ=100℃
10
0.6
TJ=25
Pulse Width=300
µS
0.4
0.04
0.01
0.02
0.06
0.1
0.2
2
1.0
4
100
10
0.8
1.0
1.2
1.4
2.0
1.6
1.8
0.2
0.4
0.6
0.8
1.0
25
50
125
175
0
75
150
100
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 1561135
2.
FIG.4--TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
BA157(Z)---BA159(Z)
FORWARD CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
FIG.5--TYPICAL JUNCTION CAPACITANCE
RATINGSANDCHARACTERISTICCURVES
AMBIENT TEMPERATURE,
FIG.3 --TYPICAL INSTANTANEOUS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 --MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
1
8.3ms Single Half
Sine-Wave
10
20
30
50
40
4
240
20
10
8
6
100
80
60


Número de pieza similar - BA158

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BA158 VISHAY-BA158 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Jinan Jing Heng Electro...
BA158 JINGHENG-BA158 Datasheet
58Kb / 2P
   FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
BA158 SYNSEMI-BA158 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results

Descripción similar - BA158

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com