Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP468AIRGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP468AIRGTR
Descripción Electrónicos  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468AIRGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP468AIRGTR Datasheet HTML 6Page - Texas Instruments TMP468AIRGTR Datasheet HTML 7Page - Texas Instruments TMP468AIRGTR Datasheet HTML 8Page - Texas Instruments TMP468AIRGTR Datasheet HTML 9Page - Texas Instruments TMP468AIRGTR Datasheet HTML 10Page - Texas Instruments TMP468AIRGTR Datasheet HTML 11Page - Texas Instruments TMP468AIRGTR Datasheet HTML 12Page - Texas Instruments TMP468AIRGTR Datasheet HTML 13Page - Texas Instruments TMP468AIRGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ADC
Oscillator
Voltage
Reference
MUX
Register
Bank
Serial
Interface
Control
Logic
MUX
16 × I
6 × I
I
V+
Local
Thermal
BJT
ADD
SCL
SDA
D1+
D2+
D3+
D5+
D4+
D6+
D7+
D8+
GND
V+
THERM
THERM2
D-
Copyright © 2016, Texas Instruments Incorporated
10
TMP468
SBOS762 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP468 is a digital temperature sensor that combines local temperature measurement channel and eight
remote-junction temperature measurement channels in a single DSBGA-16 package. The device has a two-wire-
interface that is compatible with I2C or SMBus interfaces and includes four pin-programmable bus address
options. The TMP468 is specified over a local device temperature range of –40°C to 125°C. The TMP468 also
contains multiple registers for programming and holding configuration settings, temperature limits, and
temperature measurement results. The TMP468 pin out includes THERM and THERM2 outputs that signal
overtemperature events based on the settings of temperature limit registers.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Temperature Measurement Data
The local and remote temperature sensors have a resolution of 13 bits (0.0625°C). Temperature data that result
from conversions within the default measurement range are represented in binary form, as shown in the
Standard Binary column of Table 1. Negative numbers are represented in two's complement format. The
resolution of the temperature registers extends to +255.9375°C and down to –256°C but the actual device is
limited to ranges as specified in the Electrical Characteristics to meet the accuracy specifications. The TMP468 is
specified for ambient temperatures ranging from –40°C to 125°C; parameters in the Absolute Maximum Ratings
table must be observed to prevent damage to the device.


Número de pieza similar - TMP468AIRGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP468AIYFFR TI1-TMP468AIYFFR Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP468AIYFFT TI1-TMP468AIYFFT Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
More results

Descripción similar - TMP468AIRGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
[Old version datasheet]   TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
[Old version datasheet]   High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com