Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES1EFA Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza ES1EFA
Descripción Electrónicos  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES1EFA Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES1EFA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES1EFA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES1EFA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES1AFA--ES1JFA
Document Number: AFL104AA
www.gmicroelec.com
1
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with Alcohol ,Isopropanol and similar solvents
The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case: SMAFL molded plastic
Terminals: Solder able per MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Mounting position: Any
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES1AFA
ES1BFA
ES1CFA
ES1DFA
ES1EFA
ES1GFA
ES1HFA
ES1JFA
UNITS
Marking code
E1A
E1B
E1C
E1D
E1E
E1G
E1H
E1J
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
@TA=75℃
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load @TJ=125℃
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
ES1AFA
ES1BFA
ES1CFA
ES1DFA
ES1EFA
ES1GFA
ES1HFA
ES1JFA
UNITS
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES1AFA
ES1BFA
ES1CFA
ES1DFA
ES1EFA
ES1GFA
ES1HFA
ES1JFA
UNITS
Maximum instantaneous forward voltage
at1.0 A
VF
0.98
1.25
1.70
V
Maximum
reverse
current
@TA=25℃
at rated DC blocking voltage @TA=125℃
IR
5.0
200
μ A
Maximum reverse recovery time (Note1)
trr
35
ns
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A
Pb
Lead-free


Número de pieza similar - ES1EFA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
ES1EF PANJIT-ES1EF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
ES1EF HOTTECH-ES1EF Datasheet
152Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SAMYANG ELECTRONICS CO....
ES1EF SAMYANG-ES1EF Datasheet
2Mb / 3P
   SUPER FAST RECTIFIERS
logo
Microdiode Electronics ...
ES1EF CHENDA-ES1EF Datasheet
628Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Nanjing International G...
ES1EF DGNJDZ-ES1EF Datasheet
142Kb / 2P
   1.0AMPSUPERFASTRECTIFIERS
More results

Descripción similar - ES1EFA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com