|
| M52325AP |
|
||
|
MITSUBISHI |
|
3 page
M52325AP MITSUBISHI LINEAR INTEGRATED CIRCUIT MITSUBISHI SECAM DECODER 3 - 13 [Absolute Maximum Rating] fig.3 package thermal derating curve ( maximum rating ) Ambient Temperature Ta [°C] 0 25 50 75 100 125 150 0 500 1000 1500 (unless otherwise specified Ta = 25°C,surge capacitor is 200pF) SYMBOL PARAMETER MIN. MAX. UNIT positive power supply total power dissipation operating ambient temperature range storage temperature range surge voltage Vcc Pd Topr Tstg Vsurge - - -20 -40 ±200 1.09 +75 +125 - V W °C °C V 11 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1206 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 | NTE Electronics |
| NTE2024 | Integrated Circuit 2-Digit BCD-to-7-Segment Decoder/Driver | 1 2 | NTE Electronics |
| NTE789 | Integrated Circuit Stereo Multiplex Decoder | 1 2 3 | NTE Electronics |
| NTE996 | Linear Integrated Circuit Operational Transconductance Amplifier | 1 2 3 | NTE Electronics |
| KA2655 | LINEAR INTEGRATED CIRCUIT | 1 2 3 4 5 More | Samsung semiconductor |
| KIA2051FN | BIPOLAR LINEAR INTEGRATED CIRCUIT AM PULSE NOISE REDUCTION | 1 2 3 4 5 More | KEC(Korea Electronics) |
| KIA3281H | BIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | KEC(Korea Electronics) |
| KIA6003S | BIPOLAR LINEAR INTEGRATED CIRCUIT FM IF SYSTEM IC | 1 2 3 4 | KEC(Korea Electronics) |
| KIA6220H | BIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | KEC(Korea Electronics) |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |