Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA28A Datasheet(PDF) 5 Page - StarHope

No. de pieza SA28A
Descripción Electrónicos  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPSEMI [StarHope]
Página de inicio  http://www.spsemi.cn
Logo SPSEMI - StarHope

SA28A Datasheet(HTML) 5 Page - StarHope

  SA28A Datasheet HTML 1Page - StarHope SA28A Datasheet HTML 2Page - StarHope SA28A Datasheet HTML 3Page - StarHope SA28A Datasheet HTML 4Page - StarHope SA28A Datasheet HTML 5Page - StarHope SA28A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 5 of
6
Marking Code
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
P
Ramp-down Rate
Time 25
to Peak Temp(T )
P
Do not exceed
+150
+200
60-180secs
3
/sec.Max.
3
/sec.Max.
+217
60-150secs
+260(+0/-5)
30 secs.Max.
6
/sec.Max.
8 min.Max.
+260
Cathode Band
SA5.0A
****
Marking Code
Logo
Date Code
SA5.0CA
****
Marking Code
Logo
Date Code
SA(500W) Series
REV 2016 08 10


Número de pieza similar - SA28A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SA28A MOTOROLA-SA28A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA28A LEIDITECH-SA28A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Micro Commercial Compon...
SA28A MCC-SA28A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Littelfuse
SA28A LITTELFUSE-SA28A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA28A SOCAY-SA28A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Descripción similar - SA28A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
StarHope
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
StarHope
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com