Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC16U Datasheet(PDF) 5 Page - StarHope

No. de pieza TSC16U
Descripción Electrónicos  TSC(720W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPSEMI [StarHope]
Página de inicio  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSC16U Datasheet(HTML) 5 Page - StarHope

  TSC16U Datasheet HTML 1Page - StarHope TSC16U Datasheet HTML 2Page - StarHope TSC16U Datasheet HTML 3Page - StarHope TSC16U Datasheet HTML 4Page - StarHope TSC16U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 5 of 5
TSC(720W) Series
Packing Options And Reel Specification-DO-214AA
0.157
(4.0)
0.47
(12.0)
0.157
(8.0)
0.49
(12.4)
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
TSC***
3000
330
EIA RS-481
13.0(330)
REV 2017
..03 01
.


Número de pieza similar - TSC16U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TSC16 ETC1-TSC16 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results

Descripción similar - TSC16U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
1461185 MACOM-1461185 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-1 MACOM-2-1419130-1 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-3 MACOM-2-1419130-3 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-8 MACOM-2-1419130-8 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-4 MACOM-2-1419130-4 Datasheet
128Kb / 2P
   TSC SPECIAL TYPE
2-1419130-7 MACOM-2-1419130-7 Datasheet
120Kb / 2P
   TSC STANDARD TYPE
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
logo
List of Unclassifed Man...
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
   720W 1U Redundant Power Supply Specification
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
Asahi Kasei Microsystem...
AK4184A AKM-AK4184A Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com