Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7972DP Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI7972DP
Descripción Electrónicos  Dual N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7972DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7972DP Datasheet HTML 1Page - Vishay Siliconix SI7972DP Datasheet HTML 2Page - Vishay Siliconix SI7972DP Datasheet HTML 3Page - Vishay Siliconix SI7972DP Datasheet HTML 4Page - Vishay Siliconix SI7972DP Datasheet HTML 5Page - Vishay Siliconix SI7972DP Datasheet HTML 6Page - Vishay Siliconix SI7972DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si7972DP
www.vishay.com
Vishay Siliconix
S16-1448-Rev. A, 25-Jul-16
2
Document Number: 75360
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
60
-
-
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
-
38
-
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 μA
-
-4.9
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.2
-
2.7
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
-
-
1
μA
VDS = 60 V, VGS = 0 V, TJ = 85 °C
-
-
10
On-State Drain Current b
ID(on)
VDS  5 V, VGS = 10 V
60
-
-
A
Drain-Source On-State Resistance b
RDS(on)
VGS = 10 V, ID = 11 A
-
0.015
0.018
VGS = 4.5 V, ID = 10 A
-
0.017
0.021
Forward Transconductance b
gfs
VDS = 30 V, ID = 11 A
-
38
-
S
Dynamic a
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
-
1050
-
pF
Output Capacitance
Coss
-
435
-
Reverse Transfer Capacitance
Crss
-20-
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 11 A
-
15.2
23
nC
VDS = 30 V, VGS = 4.5 V, ID = 11 A
-7.1
11
Gate-Source Charge
Qgs
-4.4
-
Gate-Drain Charge
Qgd
-1.3
-
Gate Resistance
Rg
f = 1 MHz
0.12
0.6
1.2
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 3.45 
ID  8.7 A, VGEN = 4.5 V, Rg = 1 
-
15
120
ns
Rise Time
tr
-80
30
Turn-Off Delay Time
td(off)
-15
30
Fall Time
tf
-15
30
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 3.45 
ID  8.7 A, VGEN = 10 V, Rg = 1 
-10
15
Rise Time
tr
-25
40
Turn-Off Delay Time
td(off)
-20
30
Fall Time
tf
-10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
8
A
Pulse Diode Forward Current a
ISM
--
40
Body Diode Voltage
VSD
IS = 8.7 A
-
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 8.7 A, dI/dt = 100 A/μs, TJ = 25 °C
-34
51
ns
Body Diode Reverse Recovery Charge
Qrr
-30
45
nC
Reverse Recovery Fall Time
ta
-16-
ns
Reverse Recovery Rise Time
tb
-18-


Número de pieza similar - SI7972DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7972DP-T1-GE3 VISHAY-SI7972DP-T1-GE3 Datasheet
230Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI7972DP VISHAY-SI7972DP_V01 Datasheet
230Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7972DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com