Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPL752600NBBNMXXHE-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology |
|
TPL752600NBBNMXXHE-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology |
1 / 3 page (V)TPL75 Series From ±2.0ppm stability over -30°C to 85°C Low jitter specification ESD sensitive device, Moisture sensitive level - 1 Parameters Specification Remarks Frequency range F_nom 12.0MHz ~ 800.0MHz Supply voltage Vcc 3.3V Initial frequency tolerance F_tol <±2.0ppm at +25°C±2°C Frequency stability vs Temperature F_stb ±1.0ppm ~ ±5.0ppm Table 1 vs Load F_load ±0.3ppm max. ±10% load condition change vs Voltage F_Vcc ±0.3ppm max. ±5% input voltage change vs Aging F_age ±1.0ppm/year max. at +25°C vs Reflow ±1.0ppm/year max. 1 reflow and measured after 24hrs Operating temperature range (°C) Topr 0°C ~ +50°C to -40°C ~ +85°C Table 1 Storage temperature (°C) Tstg -55°C ~ +125°C Output Wave Form / Output load LVPECL Output voltage high Voh Vcc - 1.025V (min) Output load condition: 50Ω to Vcc - 2V Output voltage low Vol Vcc - 1.620V (max) Output load condition: 50Ω to Vcc - 2V Output load Vod 50Ω to Vcc - 2V Current Consumption Icc 10~25MHz : 65mA max ; 25~100MHz : 85mA Max ; measured with PECL thevenin equivalent load 100~800MHz : 115mA Rise and fall time Tr, Tf 1.5ns max. 20% to 80% of wave form. Duty cycle SYM 45%/55% Measured at Vcc - 1.3V Start-up time T_str 5.0m sec (typ.), 10.0m sec. (Max.) Reach 90% amplitude at +25°C±2°C Phase jitter (RMS) (12kHz to 20MHz) 2.6ps (typical) , 4.0ps (max) For frequency 155.520MHz Tristate Yes, Pin 2 VC-TCXO Option Only Control voltage Vc 1.5V ± 1.0V Frequency tuning (ppm) ±5.0ppm min. Linearity/Slope polarity 6.0% typical;10%max/Positive slope Positive voltage for positive frequency shift Table 1 Frequency Stability vs Temperature Temp. (°C) Stability in ppm ±1.0 ±2.0 ±2.5 ±3.0 ±4.0 ±5.0 0°C to 50°C √ √ √ √ √ √ -10°C to 60°C Enq. √ √ √ √ √ -20°C to 70°C X √ √ √ √ √ -30°C to 75°C X √ √ √ √ √ -30°C to 85°C X √ √ √ √ √ -40°C to 85°C X X X Enq. Enq. √ Phase noise at 25°C (dBc/Hz) 155.52MHz 622.08MHz 10Hz -65 -55 100Hz -95 -85 1kHz -120 -109 10kHz -125 -115 100kHz -121 -110 Pad 1: Control voltage for VCTCXO No connection for TCXO Pad 2: Tristate Pad 3: GND Pad 4: LVPECL output Pad 5: Complimentary output Pad 6: Supply voltage Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output Pad 2 (Tristate) Pad 4/Pad 5 (Output) No connection Active Enable (>Vcc*0.45) Active Disable (<Vcc*0.45) High impedance Dimensions (Unit:mm) 7.5 Top view 1 2 3 4 5 6 Bottom view 1.4 5.08 5.08 1.8 Land pattern |
Número de pieza similar - TPL752600NBBNMXXHE-PF |
|
Descripción similar - TPL752600NBBNMXXHE-PF |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |