Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KBL410 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza KBL410
Descripción Electrónicos  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBL410 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  KBL410 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBL410 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KBL410 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
KBL4005--KBL410
Document Number: KBL801AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
KBL4005--KBL410
KBL
500 Units/Box
KBL
Dim
Min
Max
A
18.85
19.25
B
15.70
16.10
B1
14.65
15.05
C
5.90
6.30
C1
3.95
4.25
E
Ø1.20
Ø1.40
F
19.00min
F1
4.00min
K
4.70
5.30
All Dimensions in mm


Número de pieza similar - KBL410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBL410 WTE-KBL410 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
KBL410 LUGUANG-KBL410 Datasheet
258Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
Sangdest Microelectroni...
KBL410 SMC-KBL410 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Descripción similar - KBL410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com