Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL210 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza SL210
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SL210 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SL210 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SL210 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SL22--SL210
Document Number: SMB405AA
www.gmicroelec.com
1
FEATURES
Low leakage
Low forward voltage drop
High current capability
For surface mounted applications
Easily cleaned with Alcohol, Isopropnol and similar solvents
MECHANICAL DATA
Case: SMB molded plastic body
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SL22
SL23
SL24
SL245
SL25
SL26
SL28
SL29
SL210
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
30
40
45
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
31.5
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
80
90
100
V
Maximum average forward rectified current
at TL=90℃
IF(AV)
2.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
SL22
SL23
SL24
SL245
SL25
SL26
SL28
SL29
SL210
UNITS
Operating temperature range
TJ
-55 ---- +125
-55 ---- +150
Storage temperature range
TSTG
-55 ---- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SL22
SL23
SL24
SL245
SL25
SL26
SL28
SL29
SL210
UNITS
Maximum instantaneous forward voltage
at IFM=2.0A
VF
0.45
0.58
0.63
V
Maximum DC reverse current TJ=25 ℃
at rated DC blocking voltage TJ=125℃
IR
0.5
20
m A
Pb
Lead-free


Número de pieza similar - SL210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
SL210 YANGJIE-SL210 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL210 RFE-SL210 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
Zarlink Semiconductor I...
SL2101 ZARLINK-SL2101 Datasheet
625Kb / 27P
   Synthesized Broadband Converter with Programmable Power
SL2101C ZARLINK-SL2101C Datasheet
625Kb / 27P
   Synthesized Broadband Converter with Programmable Power
More results

Descripción similar - SL210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com