Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR395BUJZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADR395BUJZ-REEL7
Descripción Electrónicos  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR395BUJZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR395BUJZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 8 of 20
TERMINOLOGY
Temperature Coefficient
The change of output voltage with respect to operating temp-
erature changes normalized by the output voltage at 25°C. This
parameter is expressed in ppm/°C and can be determined by the
following equation:
[]
()
( )
()
()
6
10
25
×
×
°
=
°
1
2
O
1
O
2
O
O
T
T
C
V
T
V
T
V
C
/
ppm
TCV
where:
VO
(25°C) = VO at 25°C
VO
(T1) = VO at Temperature 1
VO
(T2) = VO at Temperature 2
Line Regulation
The change in output voltage due to a specified change in input
voltage. This parameter accounts for the effects of self-heating.
Line regulation is expressed in either percent per volt, parts-
per-million per volt, or microvolts per volt change in input
voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in either microvolts per milli-
ampere, parts-per-million per milliampere, or ohms of dc
output resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1,000 hours at 25°C.
VO
= VO(t0) – VO(t1)
[]
()
()
()
⎟⎟
⎜⎜
×
=
6
10
0
O
1
O
0
O
O
t
V
t
V
t
V
ppm
V
where:
VO (T0) = VO at 25°C at Time 0
VO (T1) = VO at 25°C after 1,000 hours operation at 25°C
Thermal Hysteresis
The change of output voltage after the device is cycled through
temperatures from +25°C to –40°C to +125°C and back to
+25°C. This is a typical value from a sample of parts put
through such a cycle.
VO_HYS = VO(25°C) – VO_TC
[]
(
)
()
6
10
25
25
×
°
°
=
C
V
V
C
V
ppm
V
O
O_TC
O
O_HYS
where:
VO (25°C) = VO at 25°C
VO_TC = VO at 25°C after a temperature cycle from + 25°C
to –40°C to +125°C and back to +25°C
NOTES
Input Capacitor
Input capacitors are not required on the ADR39x. There is no
limit for the value of the capacitor used on the input, but a
1 µF to 10 µF capacitor on the input improves transient
response in applications where the supply suddenly changes.
An additional 0.1 µF in parallel also helps reduce noise
from the supply.
Output Capacitor
The ADR39x does not require output capacitors for stability
under any load condition. An output capacitor, typically 0.1 µF,
filters out any low level noise voltage and does not affect the
operation of the part. On the other hand, the load transient
response can improve with the addition of a 1 µF to 10 µF
output capacitor in parallel. A capacitor here acts as a source of
stored energy for a sudden increase in load current. The only
parameter that degrades by adding an output capacitor is the
turn-on time, and it depends on the size of the capacitor
chosen.
–150
150
TIME (Hours)
0
–100
–50
0
50
100
100
200
300
400
500
600
700
1000
900
800
Figure 2. ADR391 Typical Long-Term Drift over 1,000 Hours


Número de pieza similar - ADR395BUJZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR395BUJZ-REEL7 AD-ADR395BUJZ-REEL7 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR395BUJZ-REEL71 AD-ADR395BUJZ-REEL71 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
More results

Descripción similar - ADR395BUJZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com