Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUD42D Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza BUD42D
Descripción Electrónicos  High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD42D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button BUD42D Datasheet HTML 2Page - ON Semiconductor BUD42D Datasheet HTML 3Page - ON Semiconductor BUD42D Datasheet HTML 4Page - ON Semiconductor BUD42D Datasheet HTML 5Page - ON Semiconductor BUD42D Datasheet HTML 6Page - ON Semiconductor BUD42D Datasheet HTML 7Page - ON Semiconductor BUD42D Datasheet HTML 8Page - ON Semiconductor BUD42D Datasheet HTML 9Page - ON Semiconductor BUD42D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUD42D
http://onsemi.com
6
TYPICAL SWITCHING CHARACTERISTICS
Figure 17. Inductive Fall and Cross Over Time,
tfi and tc @ hFE = 5
100
2
1
0
IC, COLLECTOR CURRENT (AMPS)
Figure 18. Inductive Fall Time,
tfi @ hFE = 10
100
2
1
0.5
IC, COLLECTOR CURRENT (AMPS)
1.5
250
200
150
Figure 19. Inductive Cross Over Time,
tc @ hFE = 10
Figure 20. Inductive Storage Time, tsi
5
1
12
4
3
hFE, FORCED GAIN
4
3
2
5
Figure 21. Inductive Fall Time, tf
300
100
10
6
3
hFE, FORCED GAIN
Figure 22. Inductive Cross Over Time, tc
300
200
100
10
4
2
hFE, FORCED GAIN
8
200
6
48
400
300
200
0.5
1.5
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCE = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
tfi
tc
TJ = 125°C
TJ = 25°C
200
2
1
0.5
IC, COLLECTOR CURRENT (AMPS)
1.5
500
400
300
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
7
68
10
911
IC = 1 A
IC = 0.3 A
7
59
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
IC = 1 A
IC = 0.3 A
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
IC = 1 A
IC = 0.3 A


Número de pieza similar - BUD42D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results

Descripción similar - BUD42D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL642D2 ONSEMI-BUL642D2 Datasheet
101Kb / 8P
   High Speed, High Gain Bipolar NPN Transistor with Integrated Collector?묮mitter and Built?뭝n Efficient Antisaturation Network
August, 2005 ??Rev. 1
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUL45D2 ONSEMI-BUL45D2_14 Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
logo
IXYS Corporation
IXBH10N170 IXYS-IXBH10N170 Datasheet
596Kb / 5P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH24N170 IXYS-IXBH24N170 Datasheet
181Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBN42N170A IXYS-IXBN42N170A Datasheet
206Kb / 6P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF32N300 IXYS-IXBF32N300 Datasheet
201Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com