Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS7808-CM Datasheet(PDF) 8 Page - Cirrus Logic

No. de pieza CS7808-CM
Descripción Electrónicos  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 4Page - Cirrus Logic CS7808-CM Datasheet HTML 5Page - Cirrus Logic CS7808-CM Datasheet HTML 6Page - Cirrus Logic CS7808-CM Datasheet HTML 7Page - Cirrus Logic CS7808-CM Datasheet HTML 8Page - Cirrus Logic CS7808-CM Datasheet HTML 9Page - Cirrus Logic CS7808-CM Datasheet HTML 10Page - Cirrus Logic CS7808-CM Datasheet HTML 11Page - Cirrus Logic CS7808-CM Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
CS7808
8
1.2.2
SDRAM Interface
CS7808 interfaces with either SDRAM or SGRAM for high data bandwidth transfer. Figure 2 shows the
refresh cycle performed by CS7808. Figure 3 shows a burst write (length = 8) transaction. Figure 4 on
page 9 shows a burst read (length = 8) transaction, while Figure 5 on page 9 shows detailed SDRAM in-
terface timing. In both Figure 3 and Figure 4,CAS latencyis programmedto3.
Symbol
Description
Min
Typ
Max
Unit
tmsur
M_D[31:0] setup to M_CKO
3
ns
tmhr
M_D[31:0] hold time after M_CKO
0
ns
tmco
M_CKO active edge to Output transition
7
ns
tmper
M_CKO Period1
1.Values are guaranteed by design only.
10.5
12.2
ns
tmhw
M_D[31:0] valid time after M_CKO
5
ns
tmdow
M_D[31:0] delay from M_CKO rising edge
5
ns
Table 2. SDRAM Interface Characteristics
M_CKE
M_A_[11:0]
M_BS_N
M_RAS_N
M_CAS_N
M_WE_N
MD[31:0]
M_DQM_[3:0]
M_AP
Figure 2. SDRAM Refresh Transaction
D0
D1
D2
D3
D4
D5
D6
D7
C1
C2
C3
C4
C5
C6
C7
C0
R0
M_CKO
M_A_[11:0]
M_BS_N
M_RAS_N
M_CAS_N
M_WE_N
M_D_[31:0]
M_DQM_[3:0]
M_AP
Figure 3. SDRAM Burst Write Transaction


Número de pieza similar - CS7808-CM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
CS7-10 SUPERWORLD-CS7-10 Datasheet
108Kb / 1P
   POWER TRANSFORMER
CS7-12 SUPERWORLD-CS7-12 Datasheet
108Kb / 1P
   POWER TRANSFORMER
CS7-120 SUPERWORLD-CS7-120 Datasheet
108Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
CS7-20 SUPERWORLD-CS7-20 Datasheet
108Kb / 1P
   POWER TRANSFORMER
More results

Descripción similar - CS7808-CM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
logo
Analog Devices
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Protech Systems Co., Lt...
EPC-8612F PROTECHSYSTEMS-EPC-8612F Datasheet
257Kb / 2P
   Multi Video Capture Ports Embedded PC
logo
List of Unclassifed Man...
CL8830 ETC1-CL8830 Datasheet
591Kb / 4P
   MPEG-2 AUDIO/VIDEO PROCESSOR WITH REALSONIC AUDIO
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
SAM5504B ETC1-SAM5504B Datasheet
947Kb / 51P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5716B ETC1-SAM5716B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5708B ETC1-SAM5708B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com