Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-C315 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-C315
Descripción Electrónicos  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C315 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C315 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C315 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Electrical Characteristics at TA = 25°C
Part Number
Forward Voltage Vf (Volts)
@ If = 20 mA
Reverse
Breakdown
Vr (Volts)
@ Ir = 100
µA
Capacitance
C (pF) Vf = 0
f = 1 MHz
Thermal
Resistance
R
θJ-PIN
(°C/W)
Speed of
Response
τs (ns)
Time Constant
e-t/τs
Typ.
Max.
Min.
Typ.
Typ.
HLMP-C115
HLMP-C123
1.8
2.2
5
30
210
30
HLMP-C215
HLMP-C223
1.9
2.6
5
11
210
90
HLMP-C315
HLMP-C323
2.1
2.6
5
15
210
90
HLMP-C415
HLMP-C423
1.9
2.6
5
4
210
280
HLMP-C515
HLMP-C523
2.2
3.0
5
18
210
260
HLMP-C615
HLMP-C623
2.2
3.0
5
18
210
260
Optical Characteristics at TA = 25°C
Part Number
Luminous Intensity Iv (mcd)
@ 20 mA[1]
Peak Wavelength
λpeak (nm)
Color, Dominant
Wavelength
λd[2] (nm)
Viewing Angle
2
θ½(Degrees)[3]
Luminous
Efficacy
hv
(lm/w)
Min.
Typ.
Typ.
Typ.
Typ.
HLMP-C115
290
600
645
637
11
80
HLMP-C123
90
200
26
HLMP-C215
138
300
635
626
17
145
90
170
23
HLMP-C315
146
300
583
585
17
500
96
170
25
HLMP-C415
138
300
600
602
17
380
90
170
23
HLMP-C515
170
300
568
570
20
595
69
170
28
HLMP-C615
17
45
558
560
20
656
6
27
28
Notes:
1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
2. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3. 2
θ½ is the off-axis angle where the luminous intensity is ½ the on-axis intensity.


Número de pieza similar - HLMP-C315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-C315 HP-HLMP-C315 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C315 HP-HLMP-C315 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C315 HP-HLMP-C315 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C315 BOARDCOM-HLMP-C315 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-C315-L0000 HP-HLMP-C315-L0000 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

Descripción similar - HLMP-C315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com