Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4001 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD4001
Descripción Electrónicos  16-Bit, 2 MSPS, Precision SAR, Differential ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD4001 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4001 Datasheet HTML 2Page - Analog Devices AD4001 Datasheet HTML 3Page - Analog Devices AD4001 Datasheet HTML 4Page - Analog Devices AD4001 Datasheet HTML 5Page - Analog Devices AD4001 Datasheet HTML 6Page - Analog Devices AD4001 Datasheet HTML 7Page - Analog Devices AD4001 Datasheet HTML 8Page - Analog Devices AD4001 Datasheet HTML 9Page - Analog Devices AD4001 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Data Sheet
AD4001
Rev. 0 | Page 5 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1 The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2 MSPS.
2 A throughput rate of 2 MSPS can only be achieved with turbo mode enabled and a minimum SCK rate of 70 MHz. Refer to Table 4 for the maximum achievable
throughput for different modes of operation.
3 Transient response is the time required for the ADC to acquire a full-scale input step to ±1 LSB accuracy.
4 The minimum and maximum values are guaranteed by characterization, not production tested.
5 See the 1/f noise plot in Figure 18.
TIMING SPECIFICATIONS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression
disabled, and turbo mode enabled (fS = 2 MSPS), unless otherwise noted. See Figure 2 for the timing voltage levels.
Table 2. Digital Interface Timing
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time—CNV Rising Edge to Data Available
tCONV
290
320
ns
Acquisition Phase1
tACQ
290
ns
Time Between Conversions
tCYC
500
ns
CNV Pulse Width (CS Mode)2
tCNVH
10
ns
SCK Period (CS Mode)3
tSCK
VIO > 2.7 V
9.8
ns
VIO > 1.7 V
12.3
ns
SCK Period (Daisy-Chain Mode)4
tSCK
VIO >2.7 V
20
ns
VIO > 1.7 V
25
ns
SCK Low Time
tSCKL
3
ns
SCK High Time
tSCKH
3
ns
SCK Falling Edge to Data Remains Valid Delay
tHSDO
1.5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO > 2.7 V
7.5
ns
VIO > 1.7 V
10.5
ns
CNV or SDI Low to SDO D15 Most Significant Bit (MSB) Valid Delay (CS Mode)
tEN
VIO > 2.7 V
10
ns
VIO > 1.7 V
13
ns
CNV Rising Edge to First SCK Rising Edge Delay
tQUIET1
190
ns
Last SCK Falling Edge to CNV Rising Edge Delay5
tQUIET2
60
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
2
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
SCK Valid Hold Time from CNV Rising Edge (Daisy-Chain Mode)
tHSCKCNV
12
ns
SDI Valid Setup Time from SCK Rising Edge (Daisy-Chain Mode)
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Rising Edge (Daisy-Chain Mode)
tHSDISCK
2
ns
1 The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2 MSPS.
2 For turbo mode, tCNVH must match the tQUIET1 minimum.
3 A throughput rate of 2 MSPS can only be achieved with turbo mode enabled and a minimum SCK rate of 70 MHz.
4 A 50% duty cycle is assumed for SCK.
5 See Figure 22 for SINAD vs. tQUIET2.
X% VIO1
Y% VIO1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1FOR VIO ≤ 2.7V, X = 80, AND Y = 20; FOR VIO > 2.7V, X = 70, AND Y = 30.
2MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 1.
Figure 2. Voltage Levels for Timing


Número de pieza similar - AD4001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
AD4001BCPZ-RL7 AD-AD4001BCPZ-RL7 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
AD4001BRMZ AD-AD4001BRMZ Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
AD4001BRMZ-RL7 AD-AD4001BRMZ-RL7 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
More results

Descripción similar - AD4001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4030-24 AD-AD4030-24 Datasheet
2Mb / 48P
   24-Bit, 2 MSPS, SAR ADC
Rev. 0
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
   18-Bit, 2 MSPS SAR ADC
REV. 0
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
   1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com