Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3040DTR Datasheet(PDF) 1 Page - Microsemi Corporation |
|
1N3040DTR Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 3 page 1 WATT METAL CASE ZENER DIODES SCOTTSD A L E DIVISION 1N3016B thru 1N3051B DESCRIPTION APPEARANCE This well established zener diode series for the 1N3016 thru 1N3051 JEDEC registration in the metal case DO-13 package provides a glass hermetic seal for 6.8 to 200 volts. It is also well suited for high-reliability applications where it is available in JAN, JANTX, and JANTXV military qualifications. Lower voltages are also available in the 1N3821 thru 1N3830 series (3.3 V to 7.5 V) in the same package (see separate data sheet). Microsemi also offers numerous other Zener diode products for a variety of other packages including surface mount. DO-13 IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com FEATURES APPLICATIONS / BENEFITS • Zener Voltage Range: 6.8V to 200V • Hermetically sealed DO-13 metal package • Internally solder-bonded construction. • Also available in JAN, JANTX, JANTXV qualifications per MIL-PRF19500/115 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening, e.g. JANTX1N3016B, JANTXV1N3051B, etc. • Surface mount also available with 1N3016BUR-1 thru 1N3051BUR-1 series on separate data sheet • Regulates voltage over a broad operating current and temperature range • Wide selection from 6.8 to 200 V • Tight voltage tolerances available • Low reverse (leakage) currents • Nonsensitive to ESD • Hermetically sealed metal package • Inherently radiation hard as described in Microsemi MicroNote 050 MAXIMUM RATINGS MECHANICAL AND PACKAGING • Operating Junction and Storage Temperatures: -65 oC to +175oC • THERMAL RESISTANCE: 50 oC/W* junction to lead at 0.375 inches (10 mm) from body or 110 oC/W junction to ambient when leads are mounted on FR4 PC board with 4 mm 2 copper pads (1 oz) and track width 1 mm, length 25 mm • DC Power Dissipation *: 1.0 Watt at TL < +125oC 3/8” (10 mm) from body or 1.0 Watts at TL < +65 oC when mounted on FR4 PC board as described for thermal resistance above (also see Fig 1) • Forward Voltage @ 200 mA: 1.5 Volts. • Solder Temperatures: 260 o C for 10 s (maximum) • CASE: DO-13 (DO-202AA), welded, hermetically sealed metal and glass • FINISH: All external surfaces are Tin-Lead (Pb/Sn) plated and solderable per MIL-STD-750 method 2026 • POLARITY: Cathode connected case. • WEIGHT: 1.4 grams. • Tape & Reel option: Standard per EIA-296 (add “TR” suffix to part number) • See package dimensions on last page * For further mounting reference, thermal resistance from junction to metal case may be reduced to < 20 oC/W when mounting DO-13 metal case directly on heat sink. Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright 2003 11-03-2003 REV A |
Número de pieza similar - 1N3040DTR |
|
Descripción similar - 1N3040DTR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |